Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU711 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLU711
Description  Ronda series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLU711 Datasheet(HTML) 3 Page - Cree, Inc

  CLU711 Datasheet HTML 1Page - Cree, Inc CLU711 Datasheet HTML 2Page - Cree, Inc CLU711 Datasheet HTML 3Page - Cree, Inc CLU711 Datasheet HTML 4Page - Cree, Inc CLU711 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
2/3
SIZE
A3
DRAWING TITLE
RONDA-family
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
11.2
12.7
14.6
8.9
Front view
Socket
3.5
59.3
Bottom view
Nut slot
69.9
holder
3.2
3.2
45.8
(
)
53.3
Top view
Isometric view
Front panel location suggestion when
seamless look needed
* Ensure from 3d according specific optic version
A
Detail A


Similar Part No. - CLU711

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
568Kb / 14P
   High Intensity COB Natural Type
CLU711-1204C4-27NV1N8 CITIZEN-CLU711-1204C4-27NV1N8 Datasheet
568Kb / 14P
   High Intensity COB Natural Type
CLU711-1204C4-30NV1N8 CITIZEN-CLU711-1204C4-30NV1N8 Datasheet
568Kb / 14P
   High Intensity COB Natural Type
CLU711-1204C4-35NV1N8 CITIZEN-CLU711-1204C4-35NV1N8 Datasheet
568Kb / 14P
   High Intensity COB Natural Type
More results

Similar Description - CLU711

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15314 CREE-FCN15314 Datasheet
1Mb / 9P
   Ronda series
FCN15302 CREE-FCN15302 Datasheet
1Mb / 5P
   Ronda series
FCN15316 CREE-FCN15316 Datasheet
1Mb / 9P
   Ronda series
FCN15209 CREE-FCN15209 Datasheet
1Mb / 7P
   Ronda series
FCN15357 CREE-FCN15357 Datasheet
1Mb / 13P
   Ronda series
FN15733 CREE-FN15733 Datasheet
1Mb / 9P
   Ronda series
FN15738 CREE-FN15738 Datasheet
1Mb / 7P
   Ronda series
FCN15790 CREE-FCN15790 Datasheet
1Mb / 7P
   Ronda series
FN15731 CREE-FN15731 Datasheet
1Mb / 9P
   Ronda series
FN15734 CREE-FN15734 Datasheet
1Mb / 7P
   Ronda series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com