Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB751V-40-AU_R1_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RB751V-40-AU_R1_000A1
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB751V-40-AU_R1_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RB751V-40-AU_R1_000A1 Datasheet HTML 1Page - Pan Jit International Inc. RB751V-40-AU_R1_000A1 Datasheet HTML 2Page - Pan Jit International Inc. RB751V-40-AU_R1_000A1 Datasheet HTML 3Page - Pan Jit International Inc. RB751V-40-AU_R1_000A1 Datasheet HTML 4Page - Pan Jit International Inc. RB751V-40-AU_R1_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
September 23,2016-REV.12
RB751V-40-AU
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volt
300 mA
FEATURES
• Extremely fast switching speed
• Very Low VF : 0.325V (Typ) at IF = 1mA
• Surface mount package ideally suited for autmatic insertion
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Appox Weight: 0.0041 grams, 0.00014 ounces
Polarity: Color band cathode
• Marking: P60
CURRENT
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
Note : 1. FR-4 Board = 70 x 60 x 1mm. Minmum Pad Layout
1
2
Cathode
Anode
P a r a me t e r
S y mbo l
Val ue
Uni t s
M a xi mum P e a k R e ve r s e Vo l t a g e
V RRM
40
V
Re ve r s e DC Vo lt a g e
V R
30
V
A ver a g e F o r w ar d C ur r e nt
I F( AV)0 . 3
A
P o w e r Dis s ip a t io n ( No t e 1 )
P TO T
0. 2
W
P e a k F o r w a r d S ur ge Cur r e nt at t = 10 00m s
I FSM
0. 6
A
O p e r at i ng J unc t i on a nd S t o r ag e Te mp e r at ur e R a ng e
T J,T STG
-5 5 t o 1 5 0
O C
Par a m e t e r
S y m bo l
Va l ue
Uni t s
T he r m a l R e s i s t a nc e , J unc ti o n to A m b i e nt
(1 )
R
θJA
63 5
O C/ W
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - RB751V-40-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB751V-40-AU_R1_000A1 PANJIT-RB751V-40-AU_R1_000A1 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

Similar Description - RB751V-40-AU_R1_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com