Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1582GC-TU Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL1582GC-TU
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1582GC-TU Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL1582GC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 11Page - Anpec Electronics Coropration APL1582GC-TU Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Apr., 2003
APL1582
www.anpec.com.tw
8
Q
D
E
e
b
e1
F
A
c
H1
J1
L
M illim et er s
I nc he s
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
3 .55
4 .83
1 .14 0
0 . 19 0
b
0 .63
1 .02
0 .02 5
0 . 04 0
c
0 .35
0 .56
0 .01 4
0 . 02 2
D
1 4 . 22
16 . 5 1
0 . 5 60
0. 6 5 0
e
1 .57
1 .83
0 .06 2
0 . 07 2
e1
6. 6 8
6. 9 4
0. 2 6 3
0 . 2 73
E
9 .65
1 0.6 7
0 . 38 0
0 .42 0
F
1 .14
1 .40
0 .04 5
0 . 05 5
H1
5. 8 4
6. 6 0
0. 2 3 0
0 . 2 60
J 1
2. 0 3
3. 0 5
0. 0 8 0
0 . 1 20
L
1 3 . 72
14 . 2 2
0 . 5 40
0. 5 6 0
R
3 .53
4 .09
0 .13 9
0 . 16 1
Q
2 .54
3 .43
0 .10 0
0 . 13 5
Package Information
TO-220-5


Similar Part No. - APL1582GC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582G5C-TRG ANPEC-APL1582G5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
More results

Similar Description - APL1582GC-TU

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com