Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4558OC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APA4558OC-TR
Description  Dual Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4558OC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APA4558OC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APA4558OC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Nov., 2001
APA4558
www.anpec.com.tw
8
TSSOP
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.2
0.047
A1
0.00
0.15
0.000
0.006
A2
0.80
1.05
0.031
0.041
b
0.19
0.30
0.007
0.012
D
2.9
3.1
0.114
0.122
e
0.65 BSC
0.026 BSC
E
6.40 BSC
0.252 BSC
E1
4.30
4.50
0.169
0.177
L
0.45
0.75
0.018
0.030
L1
1.0 REF
0.039REF
R
0.09
0.004
R1
0.09
0.004
S
0.2
0.008
φ10°
φ212° REF
12° REF
φ312° REF
12° REF
L
(L1)
(3)
S
(2)
0.25
GAUGE
PLANE
1
b
D
e
2 x E / 2
8
12
e/2
E1
E
7
A1
A2
A


Similar Part No. - APA4558OC-TR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450 ACTEL-APA450 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA450 ACTEL-APA450 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA450 MICROSEMI-APA450 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA450 MICROSEMI-APA450 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA4558OC-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com