Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1582FC-TU Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL1582FC-TU
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1582FC-TU Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL1582FC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL1582FC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Apr., 2003
APL1582
www.anpec.com.tw
5
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
0
0.5
1
1.5
2
2.5
3
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
-50
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
125
150
Typical Characteristics
Reference Voltage vs. Junction Temperature
Junction Temperature (°C)
Adjust Pin Curret vs. Junction Temperature
Junction Temperature (°C)
Minimum Load Current vs. Junction Temperature
Junction Temperature (
°C)
VIN-VOUT Dropout Voltage vs. Output Current
Output Current (A)
T
J=125°C
V
CONTROL-VOUT=10.75V
V
CONTROL-VOUT=1.45V
T
J=25°C
T
J=-50°C


Similar Part No. - APL1582FC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582G5C-TRG ANPEC-APL1582G5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582U5C-TRG ANPEC-APL1582U5C-TRG Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
More results

Similar Description - APL1582FC-TU

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com