Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4835RI-TU Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA4835RI-TU
Description  Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4835RI-TU Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA4835RI-TU Datasheet HTML 2Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 3Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 4Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 9Page - Anpec Electronics Coropration APA4835RI-TU Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2003
APA4835
www.anpec.com.tw
6
Typical Application Circuit
Mo de
Con trol
Mu te
H P Sense
Volum e
Con trol
32 steps
Bee p
Detect
Pow er
M a nagem ent
C lick and Pop
Sup pression
Circuitry
Inte rnal g ain se lect
20K
20K
20K
10K
10K
- Le ft O u t
20K
20K
+ R ight O ut
- R ight O ut
0.0 68
µ F
20K
10K
20K
20K
10K
0.0 68
µ F
20K
20K
V
DD
GN D
Byp ass
Bia s
Left D ock
0.3 3
µ F
R ig ht In
0.3 3
µ F
20K
2 00K
2 00K
20K
Bee p In
+ L eft O u t
220
µ F
Pin
Ring
H ea dpho ne Ja ck
Sle eve
Con trol
Pin
Tip
1K
100K
T o C ontrol Pin on
H ea dpho ne Ja ck
1 00K
Rig ht
Aud io
Inp ut
Shu tdow n
V
DD
V
DD
1 µ F
D C Vol C ontro l
17
19
15
1K
To HP se nse
Circuit
220
µ F
+
+
18
28
26
25
24
2
22
1,8 ,14,20 ,23
2.2µ F
0.1
µ F
0.1
µ F
0.1
µ F
6,1 6,27
9
10
11
12
7
3
21
V
DD
5
4
Mo de
13
20K
Left In
+
+
20K
Rig ht Do ck
R_var
r*= R _var/50
* Add a resistor to avoid volume control gain error at power on status. For the R_var with 10K
Ω variable resistor, the recommended
value of r is in range of 100~200
Ω.


Similar Part No. - APA4835RI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838R ANPEC-APA4838R Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838RI-TR ANPEC-APA4838RI-TR Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838RI-TU ANPEC-APA4838RI-TU Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results

Similar Description - APA4835RI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com