Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106CMGK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 5PB1106CMGK
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106CMGK Datasheet(HTML) 5 Page - Integrated Device Technology

  5PB1106CMGK Datasheet HTML 1Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 2Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 3Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 4Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 5Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 6Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 7Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 8Page - Integrated Device Technology 5PB1106CMGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MARCH 28, 2017
5
1.8V TO 3.3V LVCMOS HIGH PERFORMANCE CLOCK BUFFER FAMILY
5PB11xx DATASHEET
VDD = 2.5V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise.
VDD = 3.3V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, CLKIN
VIH
Note 1
0.7 x VDD
VDD
V
Input Low Voltage, CLKIN
VIL
Note 1
0.3 x VDD
V
Input High Voltage, 1G
VIH
1.8
VDD
V
Input Low Voltage, 1G
VIL
0.7
V
Output High Voltage
VOH
IOH = -8mA
1.9
V
Output Low Voltage
VOL
IOL = 8mA
0.5
V
Nominal Output Impedance
ZO
50
Input Capacitance
CIN
CLKIN, 1G pin
5
pF
Operating Supply Current
5PB1102
IDD
100MHz, No load, 25°C
10
mA
5PB1104
100MHz, No load, 25°C
15
5PB1106
100MHz, No load, 25°C
22
5PB1108
100MHz, No load, 25°C
28
5PB1110
100MHz, No load, 25°C
33
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage, CLKIN
VIH
Note 1
0.7 x VDD
VDD
V
Input Low Voltage, CLKIN
VIL
Note 1
0.3 x VDD
V
Input High Voltage, 1G
VIH
2VDD
V
Input Low Voltage, 1G
VIL
0.8
V
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
IOL = 12mA
0.7
V
Nominal Output Impedance
ZO
50
Input Capacitance
CIN
CLKIN, 1G pin
5
pF
Operating Supply Current
5PB1102
IDD
100MHz, No load, 25°C
12
mA
5PB1104
100MHz, No load, 25°C
20
5PB1106
100MHz, No load, 25°C
25
5PB1108
100MHz, No load, 25°C
35
5PB1110
100MHz, No load, 25°C
40


Similar Part No. - 5PB1106CMGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106CMGK IDT-5PB1106CMGK Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1106CMGK8 IDT-5PB1106CMGK8 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - 5PB1106CMGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com