Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHF2805S Datasheet(PDF) 2 Page - International Rectifier

Part # AHF2805S
Description  HYBRID-HIGH RELIABILITY DC-DC CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2805S Datasheet(HTML) 2 Page - International Rectifier

  AHF2805S_17 Datasheet HTML 1Page - International Rectifier AHF2805S_17 Datasheet HTML 2Page - International Rectifier AHF2805S_17 Datasheet HTML 3Page - International Rectifier AHF2805S_17 Datasheet HTML 4Page - International Rectifier AHF2805S_17 Datasheet HTML 5Page - International Rectifier AHF2805S_17 Datasheet HTML 6Page - International Rectifier AHF2805S_17 Datasheet HTML 7Page - International Rectifier AHF2805S_17 Datasheet HTML 8Page - International Rectifier AHF2805S_17 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
2017-05-08
AHF SERIES
(28V Input, Single/Dual Output)
Specifications
AHF2803R3S
Absolute Maximum Ratings
 
Input Voltage
-0.5Vdc to +50VDC
Soldering temperature
+300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
For Notes to Electrical Performance Characteristics, refer to page 3
Parameter
Symbol
Conditions
-55°C
 TC  +125°C
VIN = 28 VDC ± 5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output voltage
VOUT
IOUT = 5% of rated load
1
01
3.26
3.34
V
2,3
3.23
3.36
Output current1
IOUT
VIN = 16, 28, and 40Vdc
1,2,3
01
3030
mA
Output power
POUT
VIN = 16, 28, and 40Vdc
1,2,3
01
10
W
Output ripple voltage2
VRIP
VIN = 16, 28, and 40Vdc,
B.W. = 20 Hz to 2MHz
1,2,3
01
60
mVp-p
Line regulation
VRLINE
VIN = 16, 28, and 40Vdc,
IOUT = 5%, 50% and 100%
rated load
1,2,3
01
25
mV
Load regulation
VRLOAD
VIN = 16, 28, and 40Vdc,
IOUT = 5%, 50% and 100%
rated load
1,2,3
01
50
mV
Input current
IIN
IOUT = 0, Inhibit (Pin 1)
tied to Input Return (Pin 7)
1,2,3
01
12
mA
IOUT = 0,
Inhibit (Pin 1) = open
30
Input ripple current2
IRIP
IOUT = 100% rated load
B.W. = 20 Hz to 2 MHz
1,2,3
01
50
mAp-p
Efficiency
EFF
IOUT = 100% rated load
1
01
70
2,3
68
Isolation
ISO
Input to output or any pin
to case (except Pin 6) at
500Vdc TC = +25°C
1
01
100
M
Capacitive load3,4
CL
No effect on dc performance,
TC = +25°C
4
01
500
µF
Power dissipation
load fault
PD
Overload 5
1
01
6.0
W
Short circuit
1,2,3
01
2.0
Switching frequency
FS
IOUT = 100% rated load
4,5,6
01
500
600
kHz
%
Table I. Electrical Performance Characteristics


Similar Part No. - AHF2805S_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHF2805S/CH ETC1-AHF2805S/CH Datasheet
185Kb / 14P
   Hybrid - High Reliability DC/DC Converters
logo
International Rectifier
AHF2805S/CH IRF-AHF2805S/CH Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
AHF2805S/CH IRF-AHF2805S/CH Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHF2805S/ES IRF-AHF2805S/ES Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
AHF2805S/ES IRF-AHF2805S/ES Datasheet
230Kb / 19P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHF2805S_17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com