Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0531AKLFT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 9DBV0531AKLFT
Description  5-Output 1.8V HCSL Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0531AKLFT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 9DBV0531AKLFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 9Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 10Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 11Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 12Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 13Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 14Page - Integrated Device Technology 9DBV0531AKLFT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MARCH 10, 2017
11
5-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0531 DATASHEET
SMBus Table: Output Enable Register
1
Byte 0
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
DIF OE3
Output Enable
RW
Low/Low
OE# pin control
1
Bit 5
DIF OE2
Output Enable
RW
Low/Low
OE# pin control
1
Bit 4
1
Bit 3
DIF OE1
Output Enable
RW
Low/Low
OE# pin control
1
Bit 2
1
Bit 1
DIF OE0
Output Enable
RW
Low/Low
OE# pin control
1
Bit 0
1
1. A low on these bits will overide the OE# pin and force the differential output Low/Low
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
1
Bit 5
DIF OE4
Output Enable
RW
Low/Low
OE# pin control
1
Bit 4
0
Bit 3
1
Bit 2
1
Bit 1
AMPLITUDE 1
RW
00 = 0.6V
01 = 0.7V
1
Bit 0
AMPLITUDE 0
RW
10= 0.8V
11 = 0.9V
0
1. A low on the DIF OE bit will overide the OE# pin and force the differential output Low/Low
SMBus Table: DIF Slew Rate Control Register
Byte 2
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
SLEWRATESEL DIF3
Slew Rate Selection
RW
Slow setting
Fast setting
1
Bit 5
SLEWRATESEL DIF2
Slew Rate Selection
RW
Slow setting
Fast setting
1
Bit 4
1
Bit 3
SLEWRATESEL DIF1
Slew Rate Selection
RW
Slow setting
Fast setting
1
Bit 2
1
Bit 1
SLEWRATESEL DIF0
Slew Rate Selection
RW
Slow setting
Fast setting
1
Bit 0
1
SMBus Table: DIF Slew Rate Control Register
Byte 3
Name
Control Function
Type
0
1
Default
Bit 7
1
Bit 6
1
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
1
Bit 1
1
Bit 0
SLEWRATESEL DIF4
Adjust Slew Rate of DIF4
RW
Slow setting
Fast setting
1
Byte 4 is Reserved and reads back 'hFF
Reserved
Controls Output Amplitude
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved


Similar Part No. - 9DBV0531AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0531AKLFT IDT-9DBV0531AKLFT Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0531AKLFT RENESAS-9DBV0531AKLFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0531AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_16 Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com