Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106PGGK Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5PB1106PGGK
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106PGGK Datasheet(HTML) 4 Page - Integrated Device Technology

  5PB1106PGGK Datasheet HTML 1Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 2Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 3Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 4Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 5Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 6Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 7Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 8Page - Integrated Device Technology 5PB1106PGGK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.8V TO 3.3V LVCMOS HIGH PERFORMANCE CLOCK BUFFER FAMILY
4
MARCH 28, 2017
5PB11xx DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5PB11xx. These ratings, which are standard values
for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
(VDD = 1.8V, 2.5V, 3.3V)
VDD = 1.8V ±5%, Ambient temperature -40° to +105°C, unless stated otherwise.
Notes: 1. Nominal switching threshold is VDD/2
Item
Rating
Supply Voltage, VDD
3.465V
Output Enable and All Outputs
-0.4 V to VDD+0.5 V
CLKIN
-0.4 V to 3.465V
Ambient Operating Temperature (industrial)
-40 to +85
C
Ambient Operating Temperature (extended)
-40 to +105
C
Storage Temperature
-65 to +150
C
Junction Temperature
125
C
Soldering Temperature
260
C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (industrial)
-40
+85
C
Ambient Operating Temperature (extended)
-40
+105
C
Power Supply Voltage (measured in respect to GND)
+1.71
+3.465
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
1.71
1.89
V
Input High Voltage, CLKIN
VIH
Note 1
0.7 x VDD
VDD
V
Input Low Voltage, CLKIN
VIL
Note 1
0.3 x VDD
V
Input High Voltage, 1G
VIH
1.6
VDD
V
Input Low Voltage, 1G
VIL
0.6
V
Output High Voltage
VOH
IOH = -5mA
1.4
V
Output Low Voltage
VOL
IOL = 5mA
0.4
V
Nominal Output Impedance
ZO
50
Input Capacitance
CIN
CLKIN, 1G pin
5
pF
Operating Supply Current
5PB1102
IDD
100MHz, No load, 25°C
8
mA
5PB1104
100MHz, No load, 25°C
12
5PB1106
100MHz, No load, 25°C
16
5PB1108
100MHz, No load, 25°C
21
5PB1110
100MHz, No load, 25°C
25


Similar Part No. - 5PB1106PGGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106PGGK IDT-5PB1106PGGK Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5PB1106PGGK8 IDT-5PB1106PGGK8 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
More results

Similar Description - 5PB1106PGGK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com