Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0851BKILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBL0851BKILFT
Description  8-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0851BKILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBL0851BKILFT Datasheet HTML 1Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 2Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 3Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 4Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 5Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 6Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 7Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 8Page - Integrated Device Technology 9DBL0851BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FEBRUARY 9, 2017
3
8-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
9DBL0841 / 9DBL0851 DATASHEET
Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1
vSADR_tri
LATCHED
IN
Tri-level latch to select SMBus Address. See SMBus Address Selection Table.
2
^vHIBW_BYPM_LOBW#
LATCHED
IN
Trilevel input to select High BW, Bypass or Low BW mode. This pin is biased
to VDD/2 (Bypass mode) with internal pull up/pull down resistors. See PLL
Operating Mode Table for Details.
3
FB_DNC
DNC
True clock of differential feedback. The feedback output and feedback input are
connected internally on this pin. Do not connect anything to this pin.
4
FB_DNC#
DNC
Complement clock of differential feedback. The feedback output and feedback
input are connected internally on this pin. Do not connect anything to this pin.
5
VDDR3.3
PWR
3.3V power for differential input clock (receiver). This VDD should be treated as
an Analog power rail and filtered appropriately.
6
CLK_IN
IN
True Input for differential reference clock.
7
CLK_IN#
IN
Complementary Input for differential reference clock.
8
GNDR
GND
Analog Ground pin for the differential input (receiver)
9
GNDDIG
GND
Ground pin for digital circuitry
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
VDDDIG3.3
PWR
3.3V digital power (dirty power)
13
VDDIO
PWR
Power supply for differential outputs
14
vOE0#
IN
Active low input for enabling output 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
15
DIF0
OUT
Differential true clock output
16
DIF0#
OUT
Differential Complementary clock output
17
vOE1#
IN
Active low input for enabling output 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
VDD3.3
PWR
Power supply, nominal 3.3V
21
VDDIO
PWR
Power supply for differential outputs
22
GND
GND
Ground pin.
23
DIF2
OUT
Differential true clock output
24
DIF2#
OUT
Differential Complementary clock output
25
vOE2#
IN
Active low input for enabling output 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
26
DIF3
OUT
Differential true clock output
27
DIF3#
OUT
Differential Complementary clock output
28
vOE3#
IN
Active low input for enabling output 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
29
GNDA
GND
Ground pin for the PLL core.
30
VDDA3.3
PWR
3.3V power for the PLL core.
31
VDDIO
PWR
Power supply for differential outputs
32
DIF4
OUT
Differential true clock output
33
DIF4#
OUT
Differential Complementary clock output
34
vOE4#
IN
Active low input for enabling output 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
35
DIF5
OUT
Differential true clock output
36
DIF5#
OUT
Differential Complementary clock output
37
vOE5#
IN
Active low input for enabling output 5. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
38
VDD3.3
PWR
Power supply, nominal 3.3V
39
VDDIO
PWR
Power supply for differential outputs


Similar Part No. - 9DBL0851BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0851BKILFT IDT-9DBL0851BKILFT Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0851BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com