Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0641BKILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DBL0641BKILFT
Description  6-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0641BKILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9DBL0641BKILFT Datasheet HTML 1Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 2Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 3Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 4Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 5Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 6Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 7Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 8Page - Integrated Device Technology 9DBL0641BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
2
FEBRUARY 8, 2017
9DBL0641 / 9DBL0651 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
PLL Operating Mode
40 39 38 37 36 35 34 33 32 31
vSADR_tri 130 NC
^vHIBW_BYPM_LOBW# 229 vOE3#
FB_DNC 328 DIF3#
FB_DNC# 427 DIF3
VDDR3.3 526 VDDIO
CLK_IN 625 VDDA3.3
CLK_IN# 724 vOE2#
GNDDIG 823 DIF2#
SCLK_3.3 922 DIF2
SDATA_3.3 10
21 vOE1#
11 12 13 14 15 16 17 18 19 20
9DBL0641/51/P1
epad is GND
40-VFQFPN, 5mm x 5mm 0.4mm pin pitch
^ prefix indicates internal 120KOhm pull up resistor
^v prefix indicates internal 120KOhm pull up AND pull down resistor (biased to VDD/2)
v prefix indicates internal 120KOhm pull down resistor
SADR
Address
0
1101011
M
1101100
1
1101101
x
x
State of SADR on first application of
CKPWRGD_PD#
+
Read/Write bit
x
Note: If not using CKPWRGD (CKPWRGD tied to VDD3.3), all 3.3V VDD need to transition
from 2.1V to 3.135V in <300usec.
True O/P
Comp. O/P
0X
X
X
Low1
Low1
Off
1
Running
0
X
Low1
Low1
On2
1
Running
1
0
Running
Running
On2
1
Running
1
1
Low1
Low1
On2
1. The output state is set by B11[1:0] (Low/Low default)
PLL
2. If Bypass mode is selected, the PLL will be off, and outputs will be running.
CKPWRGD_PD#
CLK_IN
SMBus
OEx bit
OEx# Pin
DIFx
Pin Number
VDD
VDDIO
GND
541
Input
receiver
analog
11
8
Digital Power
16, 31
12,17,26,32,
39
41
DIF outputs,
Logic
25
41
PLL Analog
Description
HiBW_BypM_LoBW#
MODE
Byte1 [7:6]
Readback
Byte1 [4:3]
Control
0
PLL Lo BW
00
00
MBypass
01
01
1
PLL Hi BW
11
11


Similar Part No. - 9DBL0641BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0641BKILFT IDT-9DBL0641BKILFT Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0641BKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com