Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBU0531 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DBU0531
Description  5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0531 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DBU0531_17 Datasheet HTML 3Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 4Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 5Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 6Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 7Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 8Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 9Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 10Page - Integrated Device Technology 9DBU0531_17 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MARCH 9, 2017
7
5-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
9DBU0531 DATASHEET
Electrical Characteristics–DIF Low-Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TAMB; Supply voltages per normal operation conditions; see Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
dV/dt
Scope averaging on, fast setting
1.4
2.3
3.5
V/ns
1,2,3
dV/dt
Scope averaging on, slow setting
0.9
1.5
2.5
V/ns
1,2,3
Slew Rate Matching
ΔdV/dt
Slew rate matching, scope averaging on
9.3
20
%
1,2,4
Voltage High
VHIGH
630
750
850
7
Voltage Low
VLOW
-150
26
150
7
Max Voltage
Vmax
763
1150
7
Min Voltage
Vmin
-300
22
7
Vswing
Vswing
Scope averaging off
300
1448
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
390
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
11
140
mV
1,6
2 Measured from differential waveform
mV
7 At default SMBus settings.
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
Slew Rate
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
TA = TAMB; Supply voltages per normal operation conditions; see Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDR
VDDR at 100MHz
1.84
3
mA
IDDDIG
VDDIG, all outputs at 100MHz
0.09
0.5
mA
IDDAO
VDDO1.5+VDDO, all outputs at 100MHz
21
25
mA
IDDRPD
VDDR, CKPWRGD_PD# = 0
0.001
0.3
mA
2
IDDDIGPD
VDDDIG, CKPWRGD_PD# = 0
0.1
0.2
mA
2
IDDAOPD
VDDO1.5+VDDO, CKPWRGD_PD# = 0
0.4
1
mA
2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.
Operating Supply Current
Powerdown Current


Similar Part No. - 9DBU0531_17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531 Datasheet
184Kb / 16P
   HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
More results

Similar Description - 9DBU0531_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0741 IDT-9DBU0741 Datasheet
218Kb / 17P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
logo
Renesas Technology Corp
9DBU0731 RENESAS-9DBU0731 Datasheet
406Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 8, 2017
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
   7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
logo
Integrated Device Techn...
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com