Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0651 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DBL0651
Description  6-output 3.3V PCIe Zero-Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0651 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DBL0651 Datasheet HTML 4Page - Integrated Device Technology 9DBL0651 Datasheet HTML 5Page - Integrated Device Technology 9DBL0651 Datasheet HTML 6Page - Integrated Device Technology 9DBL0651 Datasheet HTML 7Page - Integrated Device Technology 9DBL0651 Datasheet HTML 8Page - Integrated Device Technology 9DBL0651 Datasheet HTML 9Page - Integrated Device Technology 9DBL0651 Datasheet HTML 10Page - Integrated Device Technology 9DBL0651 Datasheet HTML 11Page - Integrated Device Technology 9DBL0651 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6-OUTPUT 3.3V PCIE ZERO-DELAY BUFFER
8
FEBRUARY 8, 2017
9DBL0641 / 9DBL0651 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Filtered Phase Jitter Parameters - PCIe Common Clocked
(CC) Architectures
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-3dB point in High BW Mode (100MHz)
2
3.3
4
MHz
1,5
-3dB point in Low BW Mode (100MHz)
1
1.5
2
MHz
1,5
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain (100MHz)
0.8
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
-1
0.0
1
%
1,3
tpdBYP
Bypass Mode, VT = 50%
2500
3406
4500
ps
1
tpdPLL
PLL Mode VT = 50%
-100
8
100
ps
1,4
Skew, Output to Output
tsk3
VT = 50%
21
55
ps
1,4
PLL mode
15
50
ps
1,2
Additive Jitter in Bypass Mode
0.1
1
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
PLL Bandwidth
BW
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
TAMB = over the specified operating range. Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1-CC
PCIe Gen 1
23
32
86
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.6
0.8
3
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
1.7
2.1
3.1
ps
(rms)
1,2,5
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.4
0.48
1
ps
(rms)
1,2,5
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.4
0.48
0.5
ps
(rms)
1,2,5
tjphPCIeG1-CC
PCIe Gen 1
0.0
0.01
ps
(p-p)
1,2,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.0
0.01
ps
(rms)
1,2,4,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
(PLL BW of 5-16MHz or 8-5MHz, CDR = 5MHz)
0.0
0.01
ps
(rms)
1,2,4,5
tjphPCIeG3-CC
PCIe Gen 3
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.0
0.01
ps
(rms)
1,2,4,5
tjphPCIeG4-CC
PCIe Gen 4
(PLL BW of 2-4MHz or 2-5MHz, CDR = 10MHz)
0.0
0.01
ps
(rms)
1,2,4,5
1 Applies to all outputs.
5 Driven by 9FGL0841 or equivalent
Phase Jitter,
PLL Mode
tjphPCIeG2-CC
Additive Phase Jitter,
Bypass mode
n/a
tjphPCIeG2-CC
2 Based on PCIe Base Specification Rev4.0 version 0.7draft. See http://www.pcisig.com for latest specifications.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 For RMS values additive jitter is calculated by solving the following equation for b [a^2+b^2=c^2 ] where a is rms input jitter and c is rms total jitter.


Similar Part No. - 9DBL0651

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0651BKILF IDT-9DBL0651BKILF Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL0651BKILFT IDT-9DBL0651BKILFT Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
More results

Similar Description - 9DBL0651

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
   4-Output 3.3V PCIe Zero-delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com