Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN14648 Datasheet(PDF) 3 Page - Cree, Inc

Part # FCN14648
Description  Jenny series
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCN14648 Datasheet(HTML) 3 Page - Cree, Inc

  FCN14648 Datasheet HTML 1Page - Cree, Inc FCN14648 Datasheet HTML 2Page - Cree, Inc FCN14648 Datasheet HTML 3Page - Cree, Inc FCN14648 Datasheet HTML 4Page - Cree, Inc FCN14648 Datasheet HTML 5Page - Cree, Inc FCN14648 Datasheet HTML 6Page - Cree, Inc FCN14648 Datasheet HTML 7Page - Cree, Inc FCN14648 Datasheet HTML 8Page - Cree, Inc FCN14648 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1
2
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
SCALE
1:1 WEIGHT
9,02 g
SHEET
1/1
SIZE
A4
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
C14436
JENNY-HLD-A-BLK
PC
black
2
F14531
JENNY-CY
Optical grade LSR
clear
FCN14648_JENNY-CY
FCN14648
34. 8
Top view
3. 2
25. 4
c/ c
16.5 2
Bottom view
Front view
Isometric view
Linear measures: class V
Please note that due to the elasticity of
products made of silicone actual measured
values may vary, and therefore typical
tolerance values may not be applied.


Similar Part No. - FCN14648

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
   ANGELINA series
More results

Similar Description - FCN14648

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F14531 CREE-F14531 Datasheet
2Mb / 52P
   Jenny series
F14326 CREE-F14326 Datasheet
2Mb / 35P
   Jenny series
F14325 CREE-F14325 Datasheet
2Mb / 53P
   Jenny series
FCN14875 CREE-FCN14875 Datasheet
2Mb / 35P
   Jenny series
F14563 CREE-F14563 Datasheet
2Mb / 35P
   Jenny series
logo
Ledil, Inc.
C14436 LEDIL-C14436 Datasheet
3Mb / 3P
   Black frame for JENNY optics
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com