Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V41234 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5V41234
Description  1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41234 Datasheet(HTML) 3 Page - Integrated Device Technology

  5V41234 Datasheet HTML 1Page - Integrated Device Technology 5V41234 Datasheet HTML 2Page - Integrated Device Technology 5V41234 Datasheet HTML 3Page - Integrated Device Technology 5V41234 Datasheet HTML 4Page - Integrated Device Technology 5V41234 Datasheet HTML 5Page - Integrated Device Technology 5V41234 Datasheet HTML 6Page - Integrated Device Technology 5V41234 Datasheet HTML 7Page - Integrated Device Technology 5V41234 Datasheet HTML 8Page - Integrated Device Technology 5V41234 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5V41234
1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT® 1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
3
5V41234
MAY 5, 2017
Applications Information
External Components
A minimum number of external components are required for
proper operation.
Decoupling Capacitors
Decoupling capacitors of 0.01
F should be connected
between VDD and the ground plane (pin 4) as close to the
VDD pin as possible. Do not share ground vias between
components. Route power from power source through the
capacitor pad and then into IDT pin.
Crystal
A 25 MHz fundamental mode parallel resonant crystal with
CL = 16pF should be used. This crystal must have less than
300 ppm of error across temperature in order for the
5V41234 to meet PCI Express specifications.
Crystal Capacitors
Crystal capacitors are connected from pins X1 to ground
and X2 to ground to optimize the accuracy of the output
frequency.
CL= Crystal’s load capacitance in pF
Crystal Capacitors (pF) = (CL- 8) * 2
For example, for a crystal with a 16 pF load cap, each
external crystal cap would be 16pF. (16-8)*2=16.
Current Source (Iref) Reference Resistor - RR
If board target trace impedance (Z) is 50
, then R
R = 475
(1%), providing IREF of 2.32mA. The output current (IOH) is
equal to 6*IREF.
Output Termination
The PCI-Express differential clock outputs of the 5V41234
are open source drivers and require an external series
resistor and a resistor to ground. These resistor values and
their allowable locations are shown in detail in the
PCI-Express Layout Guidelines section.
The 5V41234 can also be terminated to LVDS compatible
voltage levels. See Layout Guidelines section.
Output Structures
General PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1. Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible.
2. No vias should be used between decoupling capacitor
and VDD pin.
3. The PCB trace to VDD pin should be kept as short as
possible, as should the PCB trace to the ground via.
Distance of the ferrite bead and bulk decoupling from the
device is less critical.
4. An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers (any ferrite beads and bulk decoupling capacitors can
be mounted on the back). Other signal traces should be
routed away from the 5V41234.This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
R
R 475
6*IREF
=2.3 mA
IREF
See Layout
Guidelines


Similar Part No. - 5V41234

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234NLG RENESAS-5V41234NLG Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234NLG8 RENESAS-5V41234NLG8 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234NLGI RENESAS-5V41234NLGI Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234NLGI8 RENESAS-5V41234NLGI8 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41234

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com