Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P35023 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5P35023
Description  Programmable Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P35023 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5P35023_17 Datasheet HTML 4Page - Integrated Device Technology 5P35023_17 Datasheet HTML 5Page - Integrated Device Technology 5P35023_17 Datasheet HTML 6Page - Integrated Device Technology 5P35023_17 Datasheet HTML 7Page - Integrated Device Technology 5P35023_17 Datasheet HTML 8Page - Integrated Device Technology 5P35023_17 Datasheet HTML 9Page - Integrated Device Technology 5P35023_17 Datasheet HTML 10Page - Integrated Device Technology 5P35023_17 Datasheet HTML 11Page - Integrated Device Technology 5P35023_17 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
VERSACLOCK® PROGRAMMABLE CLOCK GENERATOR
8
JANUARY 25, 2017
5P35023 DATASHEET
OE Pin Function Summary
PD# Priority Table
Reference Input and Selection
By programming, the 5P35023 accepts 8MHz ~40MHz crystal input, 8MHz to 125MHz differential clocks input or 1MHz
~125MHz LVCMOS (to X1) input. See below reference circuit for details.
Crystal Input (X1/X2)
The crystal oscillators should be fundamental mode quartz crystals; overtone crystals are not suitable. Crystal frequency should
be specified for parallel resonance with 40MHz maximum.
A crystal manufacturer will calibrate its crystals to the nominal frequency with a certain load capacitance value. When the
oscillator load capacitance matches the crystal load capacitance, the oscillation frequency will be accurate as 0 PPM. When the
oscillator load capacitance is lower than the crystal load capacitance, the oscillation frequency will be higher than nominal. In
order to get an accurate oscillation frequency, the matching the oscillator load capacitance with the crystal load capacitance is
required.
To set the oscillator load capacitance, 5P35023 has built-in two programmable tuning capacitors inside the chip, one at XIN and
one at XOUT. They can be adjusted independently. The value of each capacitor is composed of a fixed capacitance amount plus
a variable capacitance amount set with the XTAL[7:0] register. Adjustment of the crystal tuning capacitors allows for maximum
flexibility to accommodate crystals from various manufacturers. The range of tuning capacitor values available are in accordance
with the following table.
OE1: SE1
OE2: SE2
OE2: SE3
OE2: DIFF1/DIFF2
OE1: PD#
OE1: SE1_PPS
OE2: SE2_PPS
OE3: SE3_PPS
OE1:DFC0
OE3/DFC1
Config OE3 as SE3_PPS (Proactive Power Saving) function pin
Config OE1 as DFC0 control pin0
Config OE3 as DFC1 control pin1
OE3 only control SE3 enable/disable, other outputs are not affected by this pin status
OE2 control Differential outputs 1 and 2 only, other SE outputs are not affected by this pin status
OE1 control chip global power down (PD#) except 32.768KHz on OE1 (when 32K is enabled),
Whenthe PD# pin is active low, the chip goes to lowest power down mode and all outputs are disabled
except 32Khz output and only keep 32K/Xtal calibriation.
Config OE1 as SE1_PPS (Proactive Power Saving) funciton pin
Config OE2 as SE2_PPS (Proactive Power Saving) function pin
OE1 only control SE1 enable/disable, other outputs are not affected by this pin status
OE2 only control SE2 enable/disable, other outputs are not affected by this pin status
PD#
I2C_OE_EN_bit
SE1/2/3, DIFF1/DIFF2
SEx_PPS
output
Notes
0
x
x
stop
32KHz free run
10
x
stop
11
0
stop
1
1
1
running


Similar Part No. - 5P35023_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P35023-000NLG2 RENESAS-5P35023-000NLG2 Datasheet
1Mb / 48P
   Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023-000NLG28 RENESAS-5P35023-000NLG28 Datasheet
1Mb / 48P
   Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023-000NLGI RENESAS-5P35023-000NLGI Datasheet
1Mb / 48P
   Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023-000NLGI8 RENESAS-5P35023-000NLGI8 Datasheet
1Mb / 48P
   Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023-DDDNLG2 RENESAS-5P35023-DDDNLG2 Datasheet
1Mb / 48P
   Configurable OE pin function as OE, PD#, PPS or DFC control
More results

Similar Description - 5P35023_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com