Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZC18 Datasheet(PDF) 1 Page - Cree, Inc

Part # ZC18
Description  ANGELINA series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ZC18 Datasheet(HTML) 1 Page - Cree, Inc

  ZC18 Datasheet HTML 1Page - Cree, Inc ZC18 Datasheet HTML 2Page - Cree, Inc ZC18 Datasheet HTML 3Page - Cree, Inc ZC18 Datasheet HTML 4Page - Cree, Inc ZC18 Datasheet HTML 5Page - Cree, Inc ZC18 Datasheet HTML 6Page - Cree, Inc ZC18 Datasheet HTML 7Page - Cree, Inc ZC18 Datasheet HTML 8Page - Cree, Inc ZC18 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRODUCT DATASHEET
ANGELINA series
last update 3/11/2016
DETAILS
Product Number
FCN14647_ANGELINA-XW
Family
ANGELINA
Type
RefPack
Color
white
Diameter
mm
Height
mm
Style
round
Optic Material
Holder Material
Fastening
socket
Status
production ready
ROHS Comliant
Yes
Date Updated
3/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO18
90 deg
Wide
94 %
0.580
-
V10 Gen7
sim: 93
Wide
sim: 92 % sim: 0.490 Bender Wirth: 434 Typ L1
CLU700/701
95 deg
Wide
95 %
0.500
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
94 deg
Wide
95 %
0.500
Bender Wirth: 434 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 94 deg
Wide
94 %
0.500
Bender Wirth: 437 Typ L1
CXA/B 15xx
94 deg
Wide
94 %
0.500
Bender Wirth: 441 Typ L1
LUXEON CoB 1202/1203
95 deg
Wide
94 %
0.500
Bender Wirth: 438 Typ L1
CXM-9
sim: 94
Wide
sim: 95 % sim: 0.500 Bender Wirth: 434 Typ L1
COB J-Type
93 deg
Wide
95 %
0.480
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
94 deg
Wide
94 %
0.490
Bender Wirth: 438 Typ L1
Soleriq P9
93 deg
Wide
94 %
0.480
Bender Wirth: 461 Typ L1
Soleriq P13
92 deg
Wide
94 %
0.490
Bender Wirth: 437 Typ L1
Soleriq S13
93 deg
Wide
94 %
0.500
Bender Wirth: 437 Typ L1
LC026B/LC040B
91 deg
Wide
94 %
0.490
Bender Wirth: 450 Typ L2
ZC12/18
sim: 92
Wide
sim: 95 % sim: 0.490 Bender Wirth: 433 Typ L1
ZC4/6
sim: 94
Wide
sim: 95 % sim: 0.500 Bender Wirth: 434 Typ L1
SLE G5 LES11
94 deg
Wide
94 %
0.500
Bender Wirth: 434 Typ L1
May 23rd 2017 8:51 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - ZC18

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
ZC100 SEOUL-ZC100 Datasheet
501Kb / 5P
   Ray set Measurement
ZC100-COOL SEOUL-ZC100-COOL Datasheet
501Kb / 5P
   All information in this presentation is provided
ZC100-WARM SEOUL-ZC100-WARM Datasheet
506Kb / 5P
   In no event will Seoul Semiconductor, its related corporations
logo
PREMO CORPORATION S.L
ZC1003 PREMO-ZC1003 Datasheet
238Kb / 1P
   SMD Z AXES COIL Low Profile 10x10x3 mm
ZC1003-0238J PREMO-ZC1003-0238J Datasheet
228Kb / 1P
   SMD Z AXES COIL Low Profile 10x10x3 mm
More results

Similar Description - ZC18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
   ANGELINA series
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
   ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
   ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
   ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
   ANGELINA series
FCN13695 CREE-FCN13695 Datasheet
2Mb / 38P
   ANGELINA series
logo
Ledil, Inc.
F13838 LEDIL-F13838 Datasheet
8Mb / 163P
   ANGELINA series
logo
Cree, Inc
FCN13696 CREE-FCN13696 Datasheet
2Mb / 38P
   ANGELINA series
logo
Ledil, Inc.
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
   Angelina RefPack
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
   Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com