Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F020T080 Datasheet(PDF) 9 Page - Vicor Corporation

Part # V048F020T080
Description  PRM짰 Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F020T080 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V048F020T080 Datasheet HTML 5Page - Vicor Corporation V048F020T080 Datasheet HTML 6Page - Vicor Corporation V048F020T080 Datasheet HTML 7Page - Vicor Corporation V048F020T080 Datasheet HTML 8Page - Vicor Corporation V048F020T080 Datasheet HTML 9Page - Vicor Corporation V048F020T080 Datasheet HTML 10Page - Vicor Corporation V048F020T080 Datasheet HTML 11Page - Vicor Corporation V048F020T080 Datasheet HTML 12Page - Vicor Corporation V048F020T080 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PRM® Regulator
Rev 2.1
vicorpower.com
Page 9 of 14
09/2015
800 927.9474
P036F048T12AL
L
O
A
D
(ILRo)
K
VF =
VL
+
K
ROS
RCD
0.4 µH
VIN
– In
PC
VC
TM
+In
– Out
+Out
VTM®
– Out
+Out
K
Ro
0.01
µF
10 kΩ
10 Ω
VC
PC
TM
IL
NC
PR
VH
SC
SG
OS
NC
CD
PRM®-AL
+In
–In
+Out
–Out
Regulator
Current Multiplier
Output Voltage Setting with Adaptive Loop
The equations for calculating ROS and RCD to set a VTM output
voltage are:
93100
ROS =
( VL • 0.8395 ) – 1
(1)
K
RCD =
91238
+ 1
(2)
ROS
VL = Desired load voltage
VOUT = VTM output voltage
K = VTM transformation ratio
(available from appropriate VTM data sheet)
Vf = PRM output voltage, the Factorized Bus (see Figure 16)
RO = VTM output resistance
(available from appropriate VTM data sheet)
IL = Load Current
(actual current delivered to the load)
Output Voltage Trimming (optional)
After setting the output voltage from the procedure above the output
may be margined down (26 Vf min) by a resistor from SC-SG using this
formula:
RdΩ =
10000 Vfd
Vfs - Vfd
Where Vfd is the desired factorized bus and Vfs is the set factorized bus.
A low voltage source can be applied to the SC port to margin the load
voltage in proportion to the SC reference voltage.
An external capacitor can be added to the SC port as shown in Figure 16
to control the output voltage slew rate for soft start.
Figure 16 — Adaptive Loop compensation with soft start using the SC port.
Nominal Vout
VTM
Range (Vdc)
K Factor
0.8 ↔
1.6
1/32
1.1 ↔
2.2
1/24
1.6 ↔
3.3
1/16
2.2 ↔
4.4
1/12
3.3 ↔
6.6
1/8
4.3 ↔
8.8
1/6
6.5 ↔
13.4
1/4
8.7 ↔
17.9
1/3
13.0 ↔
26.9
1/2
17.4 ↔
36.0
2/3
26.0 ↔
54.0
1
Table 2 — 048 input series VTM K factor selection guide
Application Information
Not Recommended for New Designs


Similar Part No. - V048F020T080

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F020T080 VICOR-V048F020T080 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F020T080 VICOR-V048F020T080 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F020T080 VICOR-V048F020T080 Datasheet
438Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F020T080 VICOR-V048F020T080 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F020T080 VICOR-V048F020T080 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - V048F020T080

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
   PRM짰 Regulator Remote Sense Only
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
P045F048T32AL-CB VICOR-P045F048T32AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF480T006A00 VICOR-VTD48EF480T006A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MV036F015M080-CB VICOR-MV036F015M080-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F060T040-CB VICOR-V048F060T040-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
VTD48EF020T080A00 VICOR-VTD48EF020T080A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com