Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7023-A10 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI7023-A10
Description  Excellent long term stability
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7023-A10 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI7023-A10 Datasheet HTML 1Page - Silicon Laboratories SI7023-A10 Datasheet HTML 2Page - Silicon Laboratories SI7023-A10 Datasheet HTML 3Page - Silicon Laboratories SI7023-A10 Datasheet HTML 4Page - Silicon Laboratories SI7023-A10 Datasheet HTML 5Page - Silicon Laboratories SI7023-A10 Datasheet HTML 6Page - Silicon Laboratories SI7023-A10 Datasheet HTML 7Page - Silicon Laboratories SI7023-A10 Datasheet HTML 8Page - Silicon Laboratories SI7023-A10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Si7023-A10
4
Rev. 1.1
1. Electrical Specifications
Unless otherwise specified, all min/max specifications apply over the recommended operating conditions.
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
VDD
1.9
3.6
V
Operating Temperature
TA
–40
+125
°C
Table 2. General Specifications
1.9 < VDD < 3.6 V; TA = –40 to 125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage High
VIH
SELECT pin
0.7xVDD
——
V
Input Voltage Low
VIL
SELECT pin
0.3xVDD
V
Input Voltage Range
VIN
SELECT pin with respect to GND
0.0
VDD
V
Input Leakage
IIL
SELECT pin
1
μA
Output Voltage High
VOH
PWM1, PWM2 pins, IOH = –10 μA
VDD – 0.1
V
PWM1, PWM2 pins pin,
IOH = –0.5 mA, VDD = 2.0 V
VDD – 0.2
PWM1, PWM2 pins,
IOH = –1.7 mA, VDD = 3.0 V
VDD – 0.4
Output Voltage Low
VOL
PWM1, PWM2 pins; IOL = 2.5 mA;
VDD = 3.3 V
0.6
V
PWM1, PWM2 pins; IOL = 1.2 mA;
VDD = 1.9 V
0.4
V
Sample Rate
RH and Temperature
2
Hz
Current
Consumption
IDD
Average Current
150
300
μA
Powerup Time
tPU
From VDD ≥ 1.9 V to PWM output
enabled, 25 °C
—48
55
ms
From VDD ≥ 1.9 V to PWM output
enabled, full temperature range
——
110


Similar Part No. - SI7023-A10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Si7023-A20-IM SILABS-Si7023-A20-IM Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1 SILABS-Si7023-A20-IM1 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IM1R SILABS-Si7023-A20-IM1R Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7023-A20-IMR SILABS-Si7023-A20-IMR Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI7023-A10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com