Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG836YCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADG836YCP
Description  0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG836YCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG836YCP Datasheet HTML 3Page - Analog Devices ADG836YCP Datasheet HTML 4Page - Analog Devices ADG836YCP Datasheet HTML 5Page - Analog Devices ADG836YCP Datasheet HTML 6Page - Analog Devices ADG836YCP Datasheet HTML 7Page - Analog Devices ADG836YCP Datasheet HTML 8Page - Analog Devices ADG836YCP Datasheet HTML 9Page - Analog Devices ADG836YCP Datasheet HTML 10Page - Analog Devices ADG836YCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG836
–6–
–7–
Typical Performance Characteristics–ADG836
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VD, VS (V)
VDD = 2.7V
VDD = 3V
TA = 25C
VDD = 3.6V
VDD = 3.3V
TPC 1. On Resistance vs. VD (VS) VDD = 2.7 V to 3.6 V
0.8
0.3
0.4
0.5
0.6
0.7
0.2
0
0.5
2.5
2.0
1.5
1.0
VD, VS (V)
TA = 25C
VDD = 2.5V
VDD = 2.3V
VDD = 2.7V
TPC 2. On Resistance vs. VD (VS) VDD = 2.5 V ± 0.2 V
1.8
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VD, VS (V)
TA = 25C
VDD = 1.65V
VDD = 1.8V
VDD = 1.95V
TPC 3. On Resistance vs. VD (VS), VDD = 1.8 V ± 0.15 V
1.2
0.2
0.4
0.6
0.8
1.0
0
0
3.0
2.5
2.0
1.5
1.0
0.5
VD, VS (V)
+125C
+85C
+25C
–40C
VDD = 3.3V
TPC 4. On Resistance vs. VD (VS) for Different
Temperatures, 3.3 V
1.2
0.2
0.4
0.6
0.8
1.0
0
0
2.5
2.0
1.5
1.0
0.5
VD, VS (V)
+125C
+25C
VDD = 2.5V
+85C
–40C
TPC 5. On Resistance vs. VD (VS) for Different
Temperature, 2.5 V
1.4
0.2
0.5
0.7
0.8
1.0
1.2
0
0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VD, VS (V)
+25C
–40C
+85C
+125C
VDD = 1.8V
TPC 6. On Resistance vs. VD (VS) for
DifferentTemperatures, 1.8 V
REV. 0
REV. 0


Similar Part No. - ADG836YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836YCP-REEL AD-ADG836YCP-REEL Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
ADG836YCP-REEL7 AD-ADG836YCP-REEL7 Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
More results

Similar Description - ADG836YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG918 AD-ADG918 Datasheet
120Kb / 4P
   Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
REV. PrC Sept 2002
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com