Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1409 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1409
Description  5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1409 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1409 Datasheet HTML 3Page - Analog Devices ADG1409 Datasheet HTML 4Page - Analog Devices ADG1409 Datasheet HTML 5Page - Analog Devices ADG1409 Datasheet HTML 6Page - Analog Devices ADG1409 Datasheet HTML 7Page - Analog Devices ADG1409 Datasheet HTML 8Page - Analog Devices ADG1409 Datasheet HTML 9Page - Analog Devices ADG1409 Datasheet HTML 10Page - Analog Devices ADG1409 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADG1408/ADG1409
ABSOLUTE MAXIMUM RATINGS1
Table 4. Absolute Maximum Ratings (TA = 25°C, unless
otherwise noted.)
Parameter
Rating
VDD to VSS
36 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog, Digital Inputs2
VSS − 0.3 V to VDD + 0.3V or 20 mA,
Whichever Occurs First
Continuous Current, S or D
30 mA
Peak Current, S or D
(Pulsed at 1 ms, 10%
Duty Cycle max)
100 mA
Operating Temperature
Range
Industrial (B Version)
−40° C to +85°C
Automotive (Y Version)
–40° C to +125°C
Storage Temperature
Range
–65° C to +150°C
Junction Temperature
150°C
Parameter
Rating
TSSOP Package, Power Dissipation
450 mW
θJA, Thermal Impedance
150.4°C/W
θJC, Thermal Impedance
50°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those listed
in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability. Only one absolute maximum rating may be applied at any one
time.
2 Overvoltages at A, EN, S, or D will be clamped by internal diodes. Current
should be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. B | Page 7 of 16


Similar Part No. - ADG1409

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409YCPZ-REEL7 AD-ADG1409YCPZ-REEL7 Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ-REEL AD-ADG1409YRUZ-REEL Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG1409YRUZ-REEL7 AD-ADG1409YRUZ-REEL7 Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results

Similar Description - ADG1409

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
   Single 4:1 Low rON Multiplexers
Rev. A, 01-Sept-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com