Electronic Components Datasheet Search |
|
5P49V5935 Datasheet(PDF) 9 Page - Integrated Device Technology |
|
5P49V5935 Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 33 page MARCH 10, 2017 9 PROGRAMMABLE CLOCK GENERATOR 5P49V5935 DATASHEET Table 8: Absolute Maximum Ratings Stresses above the ratings listed below can cause permanent damage to the 5P49V5935. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Table 9: Recommended Operation Conditions Note: VDDO1 and VDDO2 must be powered on either before or simultaneously with VDDD, VDDA and VDDO0. Item Rating Supply Voltage, VDDA, VDDD, VDDO 3.465V Inputs CLKIN, CLKINB Other inputs 0V to 1.2V voltage swing single-ended -0.5V to VDDD Outputs, VDDO (LVCMOS) -0.5V to VDDO+ 0.5V Outputs, IO (SDA) 10mA Package Thermal Impedance, JA 62 C/W (0 mps) Package Thermal Impedance, JC 55 C/W (0 mps) Storage Temperature, TSTG -65 C to 150C ESD Human Body Model 2000V Junction Temperature 125°C Symbol Parameter Min Typ Max Unit VDDOX Power supply voltage for supporting 1.8V outputs. 1.71 1.8 1.89 V VDDOX Power supply voltage for supporting 2.5V outputs. 2.375 2.5 2.625 V VDDOX Power supply voltage for supporting 3.3V outputs. 3.135 3.3 3.465 V VDDD Power supply voltage for core logic functions. 1.71 3.465 V VDDA Analog power supply voltage. Use filtered analog power supply. 1.71 3.465 V TA Operating temperature, ambient. -40 +85 °C CLOAD_OUT Maximum load capacitance (3.3V LVCMOS only). 15 pF FIN Integrated reference crystal. 825 40 MHz External reference clock CLKIN, CLKINB. 1350 tPU Power up time for all VDDs to reach minimum specified voltage (power ramps must be monotonic). 0.05 5 ms |
Similar Part No. - 5P49V5935_17 |
|
Similar Description - 5P49V5935_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |