Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5935 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5P49V5935
Description  Programmable Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5935 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5P49V5935_17 Datasheet HTML 4Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 5Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 6Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 7Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 8Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 9Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 10Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 11Page - Integrated Device Technology 5P49V5935_17 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
PROGRAMMABLE CLOCK GENERATOR
8
MARCH 10, 2017
5P49V5935 DATASHEET
Table 6: I2C Bus DC Characteristics
Table 7: I2C Bus AC Characteristics
Note 1: A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
Note 2: I2C inputs are 5V tolerant.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input HIGH Level
For SEL1/SDA pin
and SEL0/SCL
pin.
0.7xVDDD
5.5 2
V
VIL
Input LOW Level
For SEL1/SDA pin
and SEL0/SCL
pin.
GND-0.3
0.3xVDDD
V
VHYS
Hysteresis of Inputs
0.05xVDDD
V
IIN
Input Leakage Current
-1
30
µA
VOL
Output LOW Voltage
IOL = 3mA
0.4
V
Symbol
Parameter
Min
Typ
Max
Unit
FSCLK
Serial Clock Frequency (SCL)
10
400
kHz
tBUF
Bus free time between STOP and START
1.3
µs
tSU:START Setup Time, START
0.6
µs
tHD:START Hold Time, START
0.6
µs
tSU:DATA Setup Time, data input (SDA)
0.1
µs
tHD:DATA Hold Time, data input (SDA) 1
0
µs
tOVD
Output data valid from clock
0.9
µs
CB
Capacitive Load for Each Bus Line
400
pF
tR
Rise Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tF
Fall Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tHIGH
HIGH Time, clock (SCL)
0.6
µs
tLOW
LOW Time, clock (SCL)
1.3
µs
tSU:STOP Setup Time, STOP
0.6
µs


Similar Part No. - 5P49V5935_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5935 IDT-5P49V5935_1 Datasheet
460Kb / 32P
   Programmable Clock Generator
5P49V5935 IDT-5P49V5935_16 Datasheet
431Kb / 33P
   Programmable Clock Generator
More results

Similar Description - 5P49V5935_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com