Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2400URT-EVB Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI2400URT-EVB
Description  Audio connector for call monitoring
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2400URT-EVB Datasheet(HTML) 4 Page - Silicon Laboratories

  SI2400URT-EVB Datasheet HTML 1Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 2Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 3Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 4Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 5Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 6Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 7Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 8Page - Silicon Laboratories SI2400URT-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Si2400URT-EVB
4
Rev. 0.6
Power Requirements
The Si2400URT-EVB has an on-board diode bridge,
filter capacitor, and voltage regulator (U8). Power can
be supplied from any source capable of providing
7.5 V–13 V dc or 7.5 V–13 V peak ac and at least
100 mA. (Additional current may be required if a
speaker is connected for monitoring call progress
tones.) Power may be applied to the Si2400URT-EVB
through the screw terminals (J3) or the 2 mm power
jack (J4). The on-board full-wave rectifier and filter
ensures the correct polarity is applied to the
Si2400URT-EVB. Daughter card power is supplied
through voltage regulator U7 and is factory set at 3.3 V
by connecting JP7 pins 1 and 2. Daughter card current
can be measured by connecting an ammeter between
JP7 pins 1 and 2. These pins must always be
connected. Failure to connect pins 1 and 2 of JP7
through either a jumper or a low impedance ammeter
may result in damage to the Si2400URT-EVB.
Terminal and Line Connections
The Si2400 can be tested as a standard serial data
modem by connecting the Si2400URT-EVB to a
personal computer or other data terminal equipment
(DTE), phone line, and power. Connect a serial port on
a PC to the DB9 connector on the Si2400URT-EVB with
a pass-through cable. The RS-232 transceivers on the
EVB can communicate with the DTE at rates up to
230.4 kbps. Any standard terminal program such as
HyperTerminal or ProComm running on a PC will
communicate with the Si2400URT-EVB. Configure the
terminal emulation program to 2400 bps, 8 data bits, no
parity, one stop bit, and no handshaking. Also, be sure
to disable linefeeds with carriage returns. Connect the
RJ-11 jack on the Si2400URT-EVB to an analog phone
line or telephone line simulator such as a Teltone TLS 5.
Making Connections
With the terminal program properly configured and
running, apply power to the Si2400URT-EVB. Type
“AT<CR>” and the modem should return “O” indicating
the modem is working in the command mode and
communicating with the terminal. If the “O” response is
not received, try resetting the modem by pressing the
manual reset switch (S1) then again type “AT<CR>”.
To take the modem off-hook, type “ATDT<CR>.” The
modem should go to the off-hook state, draw loop
current, and respond with a “t”, indicating a dial tone
detection. Typing any characters will make the modem
hang up (go on-hook) and stop drawing loop current.
To make a modem connection, type “ATDT(called
modem phone number)<CR>.” Once the connection is
established, a “c” message will appear indicating the
two modems are in the data mode and communicating.
Typing on one terminal should appear on the other
terminal. To return to the command mode without
interrupting the connection between the two modems,
type “+++.” Approximately two seconds later “O” will
appear. The modem is now in command mode and will
accept “AT” commands. This assumes the command
ATS14=20 was issued during the initial modem
configuration to enable “+++” escape. To return to the
data mode, type “ATO.” The modem will resume the
data connection and no longer accept AT commands.
Type “ATH” to terminate the data connection. Echo
control effects data and command mode. To turn off the
character echo, type “ATEO”.
Si2400URT-EVB Functional
Description
The Si2400URT-EVB is a multipurpose evaluation
system. The modem daughter card illustrates the small
size and few components required to implement an
entire
controller-based
modem
with
global
telecommunications compatibility. The daughter card
can be used independently of, or in conjunction with, the
motherboard. The motherboard adds features that
enhance the ease of evaluating the many capabilities of
the Si2400 ISOmodem™.
Motherboard
The motherboard provides a convenient interface to the
Si2400DC (daughter card). The versatile power supply
allows for a wide range of ac and dc voltages to power
the board. RS-232 transceivers and a DB9 connector
allow the Si2400URT-EVB to be easily connected to a
PC or other terminal device. Jumper options allow direct
access to the LVCMOS/TTL level serial inputs to the
Si2400, bypassing the RS-232 transceivers. This is
particularly useful for directly connecting the Si2400 to
embedded systems.
The Si24xxURT-EVB motherboard connects to the
daughter card through two connectors, JP1 and JP2.
JP1 is an 8x2 socket providing connection to all Si2400
digital signals and regulated 3.3 V power for the Si2400.
The Si2400 digital signals appearing at JP1 (daughter
card interface) are LVCMOS and TTL compatible. The
Si2400DC can be powered by 5.0 V or 3.3 V. The
motherboard is factory configured for 3.3 V. It is
recommended that JP7 pins 1 and 2 are connected any
time the daughter card is used in conjunction with the
motherboard. This ensures no damage will occur to the
Si2456/33/14DC if used with this motherboard. JP2 is a
4x1 socket providing connection between the daughter
card, the RJ-11 phone jack and chassis ground.


Similar Part No. - SI2400URT-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2400-BS ETC-SI2400-BS Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2400-KS ETC-SI2400-KS Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2400URT-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2401FS10-EVB SILABS-SI2401FS10-EVB Datasheet
2Mb / 32P
   Audio connector for call monitoring
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
   Selective Call
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
PHOENIX CONTACT
PSI-MODEM-BASIC PHOENIX-PSI-MODEM-BASIC Datasheet
60Kb / 2P
   Configurable, selective call acceptance
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com