Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1141-M01 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI1141-M01
Description  High reflectance sensitivity
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1141-M01 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI1141-M01 Datasheet HTML 3Page - Silicon Laboratories SI1141-M01 Datasheet HTML 4Page - Silicon Laboratories SI1141-M01 Datasheet HTML 5Page - Silicon Laboratories SI1141-M01 Datasheet HTML 6Page - Silicon Laboratories SI1141-M01 Datasheet HTML 7Page - Silicon Laboratories SI1141-M01 Datasheet HTML 8Page - Silicon Laboratories SI1141-M01 Datasheet HTML 9Page - Silicon Laboratories SI1141-M01 Datasheet HTML 10Page - Silicon Laboratories SI1141-M01 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
Si1141/42/43-M01
Rev. 1.1
7
LED1, LED2, LED3
Active Current
ILEDx
VDD = 3.3 V, single drive
VLEDn = 1 V, PS_LEDn = 0001
VLEDn = 1 V, PS_LEDn = 0010
VLEDn = 1 V, PS_LEDn = 0011
VLEDn = 1 V, PS_LEDn = 0100
VLEDn = 1 V, PS_LEDn = 0101
VLEDn = 1 V, PS_LEDn = 0110
VLEDn = 1 V, PS_LEDn = 0111
VLEDn = 1 V, PS_LEDn = 1000
VLEDn = 1 V, PS_LEDn = 1001
VLEDn = 1 V, PS_LEDn = 1010
VLEDn = 1 V, PS_LEDn = 1011
VLEDn = 1 V, PS_LEDn = 1100
VLEDn = 1 V, PS_LEDn = 1101
VLEDn = 1 V, PS_LEDn = 1110
VLEDn =1V, PS_LEDn =1111
3.5
13
5.6
11.2
22.4
45
67
90
112
135
157
180
202
224
269
314
359
7
29
mA
Actively Measuring Time4
Single PS
ALS VIS + ALS IR
Two ALS plus three PS
155
285
660
µs
µs
µs
Visible Photodiode
Response
Sunlight
ALS_VIS_ADC_GAIN = 0
VIS_RANGE = 0
—0.282
ADC
counts/
lux
2500K incandescent bulb
ALS_VIS_ADC_GAIN = 0
VIS_RANGE = 0
—0.319
ADC
counts/
lux
“Cool white” fluorescent
ALS_VIS_ADC_GAIN = 0
VIS_RANGE = 0
—0.146
ADC
counts/
lux
Infrared LED (875 nm)
ALS_VIS_ADC_GAIN = 0
VIS_RANGE = 0
—8.277
ADC
counts.
m2/W
Table 2. Performance Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Unless specifically stated in "Conditions", electrical data assumes ambient light levels < 1 klx.
2. Proximity-detection performance may be degraded, especially when there is high optical crosstalk, if the LED supply
and voltage drop allow the driver to saturate and current regulation is lost.
3. Guaranteed by design and characterization.
4. Represents the time during which the device is drawing a current equal to Iactive for power estimation purposes.
Assumes default settings.


Similar Part No. - SI1141-M01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1141-M01-GM SILABS-SI1141-M01-GM Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
SI1141-M01-GMR SILABS-SI1141-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
SI1141-M01-GMR SILABS-SI1141-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
More results

Similar Description - SI1141-M01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1145-M01 SILABS-SI1145-M01 Datasheet
1Mb / 70P
   High reflectance sensitivity
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
   High sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com