Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-43228 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # MGA-43228
Description  2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43228 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button MGA-43228 Datasheet HTML 4Page - Broadcom Corporation. MGA-43228 Datasheet HTML 5Page - Broadcom Corporation. MGA-43228 Datasheet HTML 6Page - Broadcom Corporation. MGA-43228 Datasheet HTML 7Page - Broadcom Corporation. MGA-43228 Datasheet HTML 8Page - Broadcom Corporation. MGA-43228 Datasheet HTML 9Page - Broadcom Corporation. MGA-43228 Datasheet HTML 10Page - Broadcom Corporation. MGA-43228 Datasheet HTML 11Page - Broadcom Corporation. MGA-43228 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Figure 26. Over-temperature EVM vs Pout @ 2.5GHz
Figure 27. Over-temperature Idd_total vs Pout @ 2.5GHz
Figure 28. Over-temperature Vdet vs Pout @ 2.3GHz
Figure 29. Over-temperature Vdet vs Pout @ 2.4GHz
Figure 30. Over-temperature Vdet vs Pout @ 2.5GHz
Figure 31. Over-temperature Noise Figure vs Operating Frequency
MGA-43228 typical over-temperature performance at Vdd = Vbias = 3.3V, Vc = 2.1V (R2 = 1.2k
, R3 = 300,
R4 = 1.2k
 as shown in Figure 36), Vbyp = 0V unless otherwise stated.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Pout/dBm
85°C
25°C
-40°C
0
100
200
300
400
500
600
700
800
900
1000
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Pout/dBm
85°C
25°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Pout/dBm
85°C
25°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Pout/dBm
85°C
25°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
Pout/dBm
85°C
25°C
-40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
2.6
2.7
Frequency/GHz
85°C
25°C
-40°C


Similar Part No. - MGA-43228

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43228 AVAGO-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43228-BLKG AVAGO-MGA-43228-BLKG Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43228-TR1G AVAGO-MGA-43228-TR1G Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
More results

Similar Description - MGA-43228

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43228 AVAGO-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43328 BOARDCOM-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328_15 Datasheet
379Kb / 19P
   (2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43328 AVAGO-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-43128 BOARDCOM-DEMO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43128 AVAGO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
MGA-43528 AVAGO-MGA-43528 Datasheet
420Kb / 19P
   High Linearity 1.93 ??1.995 GHz Power Amplifi er Module
MGA-43628 AVAGO-MGA-43628 Datasheet
379Kb / 18P
   High Linearity 2.0 ??2.2 GHz Power Amplifi er Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com