Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-43040 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # MGA-43040
Description  High Linearity (2.3 ??2.4) GHz Power Amplifier Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-43040 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button MGA-43040 Datasheet HTML 7Page - Broadcom Corporation. MGA-43040 Datasheet HTML 8Page - Broadcom Corporation. MGA-43040 Datasheet HTML 9Page - Broadcom Corporation. MGA-43040 Datasheet HTML 10Page - Broadcom Corporation. MGA-43040 Datasheet HTML 11Page - Broadcom Corporation. MGA-43040 Datasheet HTML 12Page - Broadcom Corporation. MGA-43040 Datasheet HTML 13Page - Broadcom Corporation. MGA-43040 Datasheet HTML 14Page - Broadcom Corporation. MGA-43040 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
S-Parameter [5] (Vdd=VddBias=5.0 V, Vc1=2.0 V, Vc2=1.8 V, Vc3=1.8 V), T=25
°C, 50 Ω matched) Cont.
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
5.0
-3.59
61.28
-3.08
29.83
-57.42
-35.25
-0.93
60.96
5.1
-4.37
36.66
-2.57
-19.13
-57.92
-62.36
-0.80
50.35
5.2
-5.26
23.79
-4.28
-53.55
-58.55
-59.91
-0.76
40.57
5.3
-5.88
12.71
-6.50
-80.69
-57.69
-91.30
-0.74
30.57
5.4
-6.20
2.76
-8.78
-103.41
-57.51
-95.73
-0.71
19.99
5.5
-6.25
-7.06
-10.97
-123.32
-57.76
-103.19
-0.67
9.14
5.6
-6.10
-16.77
-13.06
-141.61
-58.97
-109.41
-0.64
-1.94
5.7
-5.80
-25.91
-15.06
-158.95
-54.67
-120.47
-0.63
-13.50
5.8
-5.48
-35.03
-16.98
-175.90
-56.69
-131.66
-0.60
-25.07
5.9
-5.14
-43.63
-18.87
167.55
-56.83
-152.33
-0.60
-36.95
6.0
-4.82
-51.97
-20.74
150.39
-58.21
-152.79
-0.60
-48.72
7.0
-5.11
-132.66
-23.12
-85.01
-64.22
98.12
-1.39
-169.64
8.0
-3.83
107.44
-34.36
57.37
-59.42
24.83
-0.55
105.31
9.0
-4.93
40.09
-28.91
-71.64
-54.36
-71.04
-0.82
21.49
10.0
-5.53
-104.31
-31.42
99.30
-54.74
144.95
-3.07
-136.30
11.0
-3.22
169.79
-49.93
-10.50
-57.78
55.44
-1.21
140.03
12.0
-6.22
60.73
-56.09
-46.50
-55.70
-47.33
-2.57
69.05
13.0
-3.07
-48.51
-42.09
-128.24
-52.00
-159.54
-2.46
-95.76
14.0
-3.97
-101.62
-40.85
123.51
-55.49
157.53
-3.35
178.00
15.0
-5.04
143.00
-36.15
-6.88
-51.09
39.71
-1.86
77.50
16.0
-4.24
8.62
-39.62
179.55
-50.99
-59.49
-8.41
-63.09
17.0
-2.27
-108.22
-46.66
93.23
-48.60
172.19
-0.99
167.24
18.0
-1.14
-174.30
-47.70
6.98
-53.18
84.31
-0.78
127.20
19.0
-4.34
30.77
-43.73
-133.37
-42.83
-15.74
-4.37
6.29
20.0
-2.93
-133.19
-41.47
56.10
-45.27
165.59
-1.75
-145.59
S-Parameter [5] (Vdd=VddBias=5.5 V, Vc1=2.0 V, Vc2=1.8 V, Vc3=1.8 V), T=25
°C, 50 Ω matched)
Freq
(GHz)
S11
(dB)
S11
(ang)
S21
(dB)
S21
(ang)
S12
(dB)
S12
(ang)
S22
(dB)
S22
(ang)
0.1
-0.05
-43.41
-59.26
96.93
-60.56
-156.87
-0.30
166.26
0.2
-0.20
-83.95
-63.48
-48.09
-68.73
73.17
-0.83
156.07
0.3
-0.33
-118.94
-55.05
-83.65
-69.82
117.86
-0.91
147.31
0.4
-0.32
-148.39
-45.15
-55.28
-66.66
59.32
-0.93
137.52
0.5
-0.29
-174.02
-31.01
-63.49
-74.45
149.91
-0.94
127.66
0.6
-0.23
163.15
-17.28
-92.18
-66.22
69.69
-0.96
117.93
0.7
-0.12
141.37
-3.67
-131.53
-66.28
71.54
-1.01
108.30
0.8
-0.56
116.88
10.27
157.42
-70.81
19.85
-1.09
98.77
0.9
-1.84
107.94
14.71
53.14
-73.36
33.95
-1.22
89.55
1.0
-1.39
93.91
16.14
-3.12
-60.59
15.42
-1.34
80.80
1.1
-1.29
77.89
18.55
-55.03
-66.41
-5.14
-1.46
67.91
1.2
-1.46
60.87
20.17
-111.57
-65.11
-12.62
-1.34
60.03
1.3
-2.13
45.59
17.38
-166.86
-67.49
-59.05
-0.88
50.53
1.4
-2.63
33.20
8.48
-111.17
-63.62
-17.80
-0.78
33.70
1.5
-2.59
16.55
23.20
-150.98
-60.37
-64.57
-0.96
34.04
1.6
-3.26
-3.69
26.82
167.44
-62.39
-76.48
-0.80
15.02
1.7
-4.48
-26.73
31.99
129.64
-65.62
-101.90
-1.04
2.90
1.8
-6.90
-54.92
35.96
79.57
-60.29
-65.69
-1.54
-11.81
1.9
-14.65
-93.46
37.86
21.21
-57.67
-52.55
-2.63
-26.71
2.0
-17.42
2.90
36.52
-15.80
-53.43
-63.61
-4.31
-39.36
2.1
-15.03
-4.42
40.48
-58.00
-55.14
-105.91
-6.90
-44.05
2.2
-13.35
-21.65
42.08
-113.77
-52.56
-126.58
-7.83
-42.59


Similar Part No. - MGA-43040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
More results

Similar Description - MGA-43040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
   High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Silicon Storage Technol...
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
   2.4 GHz High-Linearity Power Amplifier
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Silicon Storage Technol...
SST12LP08A SST-SST12LP08A Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier Module
logo
NXP Semiconductors
BTS6403U NXP-BTS6403U Datasheet
943Kb / 15P
   Wideband high gain high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 1-30 March 2023
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com