Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5405YCP-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD5405YCP-REEL
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405YCP-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5405YCP-REEL Datasheet HTML 6Page - Analog Devices AD5405YCP-REEL Datasheet HTML 7Page - Analog Devices AD5405YCP-REEL Datasheet HTML 8Page - Analog Devices AD5405YCP-REEL Datasheet HTML 9Page - Analog Devices AD5405YCP-REEL Datasheet HTML 10Page - Analog Devices AD5405YCP-REEL Datasheet HTML 11Page - Analog Devices AD5405YCP-REEL Datasheet HTML 12Page - Analog Devices AD5405YCP-REEL Datasheet HTML 13Page - Analog Devices AD5405YCP-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5405
Rev. 0 | Page 10 of 24
–0.010
–0.005
0.005
0.025
0.035
0.045
0.015
0
0.020
0.030
0.040
0.010
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
TA = 25°C
VREF = 0V
AD8038 AMPLIFIER
CCOMP = 1.8pF
7FF TO 800H
800 TO 7FFH
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
Figure 17. Midscale Transition, VREF = 0 V
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
–1.77
–1.76
–1.75
–1.74
–1.73
–1.72
–1.71
–1.70
–1.69
–1.68
7FF TO 800H
800 TO 7FFH
VDD = 5V
VDD = 3V
VDD = 3V
VDD = 5V
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
CCOMP = 1.8pF
Figure 18. Midscale Transition, VREF = 3.5 V
–120
–100
–80
–60
0
20
1
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–40
–20
TA = 25°C
VDD = 3V
AMP = AD8038
FULL SCALE
ZERO SCALE
10
Figure 19. Power Supply Rejection vs. Frequency
–90
–85
–80
–75
–70
–65
–60
100
1k
1
10
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VDD = 3V
VREF = 3.5V p-p
Figure 20. THD and Noise vs. Frequency
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
200
fOUT (kHz)
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5405
MCLK = 1MHz
MCLK = 200kHz
MCLK = 0.5MHz
Figure 21. Wideband SFDR vs. fOUT Frequency
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
1000
fOUT (kHz)
MCLK = 5MHz
MCLK = 10MHz
MCLK = 25MHz
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
AD5405
Figure 22. Wideband SFDR vs. fOUT Frequency


Similar Part No. - AD5405YCP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Similar Description - AD5405YCP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
868Kb / 28P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
REV. 0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
   Dual 12-Bit, High Bandwidth, Multiplying DAC
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com