Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32FG1 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFR32FG1
Description  Electronic Shelf Labels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32FG1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFR32FG1 Datasheet HTML 6Page - Silicon Laboratories EFR32FG1 Datasheet HTML 7Page - Silicon Laboratories EFR32FG1 Datasheet HTML 8Page - Silicon Laboratories EFR32FG1 Datasheet HTML 9Page - Silicon Laboratories EFR32FG1 Datasheet HTML 10Page - Silicon Laboratories EFR32FG1 Datasheet HTML 11Page - Silicon Laboratories EFR32FG1 Datasheet HTML 12Page - Silicon Laboratories EFR32FG1 Datasheet HTML 13Page - Silicon Laboratories EFR32FG1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
3.9.3 Analog to Digital Converter (ADC)
The ADC is a Successive Approximation Register (SAR) architecture, with a resolution of up to 12 bits at up to 1 MSamples/s. The
output sample resolution is configurable and additional resolution is possible using integrated hardware for averaging over multiple
samples. The ADC includes integrated voltage references and an integrated temperature sensor. Inputs are selectable from a wide
range of sources, including pins configurable as either single-ended or differential.
3.9.4 Digital to Analog Current Converter (IDAC)
The Digital to Analog Current Converter can source or sink a configurable constant current. This current can be driven on an output pin
or routed to the selected ADC input pin for capacitive sensing. The current is programmable between 0.05 µA and 64 µA with several
ranges with various step sizes.
3.10 Reset Management Unit (RMU)
The RMU is responsible for handling reset of the EFR32FG1. A wide range of reset sources are available, including several power
supply monitors, pin reset, software controlled reset, core lockup reset and watchdog reset.
3.11 Core and Memory
3.11.1 Processor Core
The ARM Cortex-M processor includes a 32-bit RISC processor integrating the following features and tasks in the system:
• ARM Cortex-M4 RISC processor achieving 1.25 Dhrystone MIPS/MHz
• Memory Protection Unit (MPU) supporting up to 8 memory segments
• Up to 256 KB flash program memory
• Up to 32 KB RAM data memory
• Configuration and event handling of all modules
• 2-pin Serial-Wire debug interface
3.11.2 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the microcontroller. The flash memory is readable and writable
from both the Cortex-M and DMA. The flash memory is divided into two blocks; the main block and the information block. Program code
is normally written to the main block, whereas the information block is available for special user data and flash lock bits. There is also a
read-only page in the information block containing system and device calibration data. Read and write operations are supported in en-
ergy modes EM0 Active and EM1 Sleep.
3.11.3 Linked Direct Memory Access Controller (LDMA)
The Linked Direct Memory Access (LDMA) controller features 8 channels capable of performing memory operations independently of
software. This reduces both energy consumption and software workload. The LDMA allows operations to be linked together and stag-
ed, enabling sophisticated operations to be implemented.
EFR32FG1 Flex Gecko Proprietary Protocol SoCFamily Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.9 | 9


Similar Part No. - EFR32FG1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG1 SILABS-EFR32FG1 Datasheet
8Mb / 960P
   EFR32xG1 Wireless Gecko Reference Manual
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG12P231F1024GL125-B SILABS-EFR32FG12P231F1024GL125-B Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG12P231F1024GL125-C SILABS-EFR32FG12P231F1024GL125-C Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG12P231F1024GM48-B SILABS-EFR32FG12P231F1024GM48-B Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results

Similar Description - EFR32FG1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CN4616-000 STMICROELECTRONICS-CN4616-000 Datasheet
555Kb / 6P
   Solar Identification Labels
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
C300X100YJJ PANDUIT-C300X100YJJ Datasheet
55Kb / 1P
   OPTIMUM C300X100YJJ LASER INKJET LABELS
C200X100YJJ PANDUIT-C200X100YJJ Datasheet
58Kb / 1P
   OPTIMUM C200X100YJJ LASER/INJET LABELS
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
   LASER INKJET PRINTABLE LABELS
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
C400X100YJJ PANDUIT-C400X100YJJ Datasheet
45Kb / 1P
   OPTIMUM C400X100YJJ LASER/INKJET LABELS
logo
Tyco Electronics
CL3803-000 MACOM-CL3803-000 Datasheet
370Kb / 4P
   Solar Panel Installation Identification labels
logo
PANDUIT CORP.
C10244 PANDUIT-C10244 Datasheet
72Kb / 1P
   OPTIMUM C080X020YJJ LASER INKJET LABELS
logo
Tyco Electronics
8409 MACOM-8409 Datasheet
455Kb / 11P
   20 LABELS ON A STRIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com