Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0603MR-079K76 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # TR0603MR-079K76
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR0603MR-079K76 Datasheet(HTML) 4 Page - YAGEO Corporation

  TR0603MR-079K76 Datasheet HTML 1Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 2Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 3Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 4Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 5Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 6Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 7Page - YAGEO Corporation TR0603MR-079K76 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
4
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
Table 1 For outlines see fig. 2
TYPE
L (mm) W (mm)
H (mm)
I1 (mm)
I2 (mm)
TR0402 1.00 ±0.10 0.50 ±0.05 0.35 ±0.05 0.20 ±0.10 0.25 ±0.10
TR0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
TR0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
TR1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
MARKING
TR0402/0603/0805/1206
No marking
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1
ynsc007
CONSTRUCTION
The resistors are constructed on a high-grade ceramic
body (aluminium oxide). Internal metal electrodes are
added at each end and a connection is made between
them using a resistive metal glaze; the approximate
resistor values are dependent on the composition of
the glaze.
The resistive layer is covered with a translucent
protective coat. Finally, two end electrodes are added,
the composition of which has been designed to provide
ease of soldering. See fig. 2.
DIMENSIONS
overcoat
protective glass
resistive layer
(Jumper chip is a conductor)
inner electrode
termination(Ni/matte tin)
ceramic substrate
H
I2
YNSC056
overcoat
W
L
I1
inner electrode
Fig. 2 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
CHARACTERISTICS
TYPE
RESISTANCE
RANGE
Rated
Power
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature Coefficient
of Resistance
TR0402
1/16 W
50 V
100 V
100 V
TR0603
1/16 W
–55 °C to
+125 °C
50 V
100 V
100 V
TR0805
1/8 W
150 V
300 V
500 V
TR1206
0/-10%, 0/-20%, 0/-30%:
1 Ω to 10 MΩ
(E-24)
1/4 W
–55 °C to
+155 °C
200 V
500 V
500 V
1 Ω ≤ R ≤ 10 Ω: ±200 ppm/°C
10 Ω < R ≤ 1 MΩ: ±100 ppm/°C
1 MΩ < R ≤ 10 MΩ: ±200 ppm/°C
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - TR0603MR-079K76

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TR0603FA2-R COOPER-TR0603FA2-R Datasheet
560Kb / 2P
   Chip??Fuses 0603FA Series, Fast-Acting
More results

Similar Description - TR0603MR-079K76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com