Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA11181 Datasheet(PDF) 2 Page - Cree, Inc

Part # CA11181
Description  BROOKE-tape series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA11181 Datasheet(HTML) 2 Page - Cree, Inc

  CA11181 Datasheet HTML 1Page - Cree, Inc CA11181 Datasheet HTML 2Page - Cree, Inc CA11181 Datasheet HTML 3Page - Cree, Inc CA11181 Datasheet HTML 4Page - Cree, Inc CA11181 Datasheet HTML 5Page - Cree, Inc CA11181 Datasheet HTML 6Page - Cree, Inc CA11181 Datasheet HTML 7Page - Cree, Inc CA11181 Datasheet HTML 8Page - Cree, Inc CA11181 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PU foam tape 0.4mm
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A4
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
-
-
BROOKE-tape series
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
-
BROOKE reflector
PC
metal
45
Top view
2
24.35
c/c
25.9
c/c
Bottom view
Front view
Isometric view
Scale:
1:1


Similar Part No. - CA11181

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
   ~25째 spot beam. Assembly with installation tape.
CA11181-BROOKE-S LEDIL-CA11181-BROOKE-S Datasheet
566Kb / 9P
   BROOKE-tape series
More results

Similar Description - CA11181

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11181-BROOKE-S LEDIL-CA11181-BROOKE-S Datasheet
566Kb / 9P
   BROOKE-tape series
logo
Cree, Inc
C12083 CREE-C12083 Datasheet
415Kb / 5P
   Brooke series
CN12351 CREE-CN12351 Datasheet
283Kb / 4P
   Brooke series
C12084 CREE-C12084 Datasheet
414Kb / 5P
   Brooke series
F14738 CREE-F14738 Datasheet
1Mb / 17P
   Brooke series
F14739 CREE-F14739 Datasheet
1Mb / 17P
   Brooke series
F14740 CREE-F14740 Datasheet
1Mb / 17P
   Brooke series
CN12352 CREE-CN12352 Datasheet
111Kb / 2P
   Brooke series
logo
Ledil, Inc.
CA11182-BROOKE-M LEDIL-CA11182-BROOKE-M Datasheet
440Kb / 9P
   Brooke series
CA11183-BROOKE-W LEDIL-CA11183-BROOKE-W Datasheet
217Kb / 4P
   Brooke series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com