Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C14123 Datasheet(PDF) 2 Page - Cree, Inc

Part # C14123
Description  Mirella reflector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14123 Datasheet(HTML) 2 Page - Cree, Inc

  C14123 Datasheet HTML 1Page - Cree, Inc C14123 Datasheet HTML 2Page - Cree, Inc C14123 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class F, otherwise class M.
According to DIN ISO 2768-2
Form and position: class K
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
C14123
C14123_CLAMP-CXA15-18
A3
1/1
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
C14123
CLAMP-CXA15-18
PC
white
3,52 g
3.2
Top view
Front view
LED Middle postiton
CXA15 and CXA18
Bottom view
Isometric view


Similar Part No. - C14123

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14123 LEDIL-C14123 Datasheet
1Mb / 3P
   Basepart for reflectors and lenses with A-type interface
More results

Similar Description - C14123

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15559 LEDIL-F15559 Datasheet
1Mb / 27P
   Mirella Reflector
logo
Cree, Inc
CN12484 CREE-CN12484 Datasheet
2Mb / 50P
   Mirella reflector
C12478 CREE-C12478 Datasheet
2Mb / 63P
   Mirella reflector
C12477 CREE-C12477 Datasheet
3Mb / 62P
   Mirella reflector
CN12483 CREE-CN12483 Datasheet
2Mb / 52P
   Mirella reflector
C12476 CREE-C12476 Datasheet
2Mb / 57P
   Mirella reflector
logo
Ledil, Inc.
F15558 LEDIL-F15558 Datasheet
1Mb / 29P
   Mirella Reflector
F16002 LEDIL-F16002 Datasheet
1Mb / 23P
   Mirella Reflector
logo
Cree, Inc
CN12485 CREE-CN12485 Datasheet
2Mb / 54P
   Mirella reflector
logo
Ledil, Inc.
F15560 LEDIL-F15560 Datasheet
1Mb / 29P
   Mirella Reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com