Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR1206NR-071R5 Datasheet(PDF) 8 Page - YAGEO Corporation

Part # TR1206NR-071R5
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR1206NR-071R5 Datasheet(HTML) 8 Page - YAGEO Corporation

  TR1206NR-071R5 Datasheet HTML 1Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 2Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 3Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 4Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 5Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 6Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 7Page - YAGEO Corporation TR1206NR-071R5 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
8
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 1
Jan 14, 2009
-
- Change to dual brand datasheet that describes TR0402 to TR1206 with
RoHS compliant
- Define global part number
Version 0
Oct 18, 2005
-
- New datasheet for trimmable chip resistors sizes of
0402/0603/0805/1206, 0/-10%, 0/-20, and 0/-30% tolerance with lead-
free terminations
- Replace the 0603/0805/1206 parts of pdf files: RC02TR_12TR_9.pdf,
RC22_TR_3.pdf, and combine into a document.
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”


Similar Part No. - TR1206NR-071R5

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
TR1200 ZIEHL-TR1200 Datasheet
590Kb / 2P
   Pt100-Temperature-Relay TR1200 12 Sensors, Interface RS485
TR1200IP ZIEHL-TR1200IP Datasheet
430Kb / 2P
   Pt100-Temperature-Relay TR1200IP
More results

Similar Description - TR1206NR-071R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com