Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0603MR-071R Datasheet(PDF) 2 Page - YAGEO Corporation

Part # TR0603MR-071R
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR0603MR-071R Datasheet(HTML) 2 Page - YAGEO Corporation

  TR0603MR-071R Datasheet HTML 1Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 2Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 3Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 4Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 5Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 6Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 7Page - YAGEO Corporation TR0603MR-071R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
2
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes TR0402
to TR1206 trimmable chip resistors
with lead-free terminations made by
thick film process.
APPLICATIONS

Hand-held measuring equipment

Mobile phones

Camcorders

Portable radios, CD and cassette

Tuners

Photo sensors
FEATURES

RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS

Reducing environmentally
hazardous wastes

High component and equipment
reliability

Saving of PCB space

None forbidden-materials used
in products/production
ORDERING EXAMPLE
The ordering code of a TR0603 chip
resistor, value 330 X with 0/-30%
tolerance, supplied in 7-inch tape
reel is: TR0603NR-07330R(L).
NOTE
1. All our RSMD products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER /
12NC can be added (both are on
customer request)
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERRED)
TR XXXX X X X XX XXXX
(1)
(2) (3) (4) (5)
(6)
(1) SIZE
0402
0603
0805
1206
(2) TOLERANCE
K = 0/-10%
M = 0/-20%
N = 0/-30%
(3) PACKAGING TYPE
R = Paper taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) OPTIONAL CODE
L = optional symbol (Note)
Resistance rule of global part
number
Resistance code rule
Example
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - TR0603MR-071R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TR0603FA2-R COOPER-TR0603FA2-R Datasheet
560Kb / 2P
   Chip??Fuses 0603FA Series, Fast-Acting
More results

Similar Description - TR0603MR-071R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com