Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-13116 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # MGA-13116
Description  High Gain, High Linearity, Very Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-13116 Datasheet(HTML) 4 Page - Broadcom Corporation.

  MGA-13116 Datasheet HTML 1Page - Broadcom Corporation. MGA-13116 Datasheet HTML 2Page - Broadcom Corporation. MGA-13116 Datasheet HTML 3Page - Broadcom Corporation. MGA-13116 Datasheet HTML 4Page - Broadcom Corporation. MGA-13116 Datasheet HTML 5Page - Broadcom Corporation. MGA-13116 Datasheet HTML 6Page - Broadcom Corporation. MGA-13116 Datasheet HTML 7Page - Broadcom Corporation. MGA-13116 Datasheet HTML 8Page - Broadcom Corporation. MGA-13116 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Demo Board Layout
Demo Board Schematic
Figure 7. Demo Board layout diagram.
Figure 8. Demo Board schematic diagram.
– Recommended PCB material is 10 mils Rogers R04350.
– Suggested component values may vary according to layout and PCB material.
MANGROVE
L2
L1
C2
C4
C3
IN
OUT
C7
C1
R4a
R2
L3
C6
C8
JAN 2011
R1
C10
AVAGO
Technologies
C11
L4
R4b
R3
C9a
C12
R5
C5a
C5b
L5 C13
C9b
C10
R2
L1
C8
R3
C9
R4
C7
L2
C2
C3
C4
C5
C1
C6
L3
R1
15
12
14
11
13
9
8
7
6
5
4
2
16
10
3
1
Q1bias
Vdd1
Vdd2
Q1
Q2
RFOUT
RFIN
Table 1. Component list for 900MHz matching
Part
Size
Value
Detail Part Number
Notes
C1, C6
0402
100pF (Murata)
GRM1555C1H101JD01E
DC Blocking Capacitors
C2
0402
12pF (Murata)
MCH155A120JK
DC Blocking Capacitor
C3
0402
10pF (Murata)
GRM1555C1H100JZ01E
Bypass Capacitor
C4
0402
0.1uF (Murata)
GRM155R61A104KA01D
Bypass Capacitor
C5a
0603
2.2uF (Murata)
GRM188R61A225KE34D
Bypass Capacitor
C7
0402
33pF (Murata)
GRM1555C1H330JZ01E
Bypass Capacitor
C9a, C9b
N/A
Not used
Not used
Bypass Capacitor
C8, C10
0402
4.7uF (Murata)
GRM155R60E475ME760
Bypass Capacitors
L1
0402
18nH (Toko)
LL1005-FHL18NJ
Input Match for NF
L2
0402
39nH (Toko)
LL1005-FHL39NJ
Output match for Q2
L3
0402
39nH (Toko)
LL1005-FHL39NJ
Output match for Q1
R3, R1
0402
0 ohm (Koa)
RK73Z1ELTP
Bridging Resistors
R2
0402
10 ohm (Rohm)
MCR01J100
Stabilizing Resistor for Q1
R4b
0402
6.8K ohm (Koa)
RM73B1E682J
Biasing Resistor for Q1


Similar Part No. - MGA-13116

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116-BLKG AVAGO-MGA-13116-BLKG Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116-TR1G AVAGO-MGA-13116-TR1G Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
More results

Similar Description - MGA-13116

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13216 BOARDCOM-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316_15 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13316 BOARDCOM-MGA-13316 Datasheet
1Mb / 16P
   High Gain, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com