Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1GX04GV Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1GX04GV
Description  X-tal driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1GX04GV Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1GX04GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 11Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 12Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 13Page - NXP Semiconductors 74LVC1GX04GV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2003 Aug 13
10
Philips Semiconductors
Product specification
X-tal driver
74LVC1GX04
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.5 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
1.65 to 1.95 V
VCC
30 pF
1 k
open
2.3 to 2.7 V
VCC
30 pF
500
open
2.7 V
2.7 V
50 pF
500
open
3.0 to 3.6 V
2.7 V
50 pF
500
open
4.5 to 5.5 V
VCC
50 pF
500
open
handbook, halfpage
MNA638
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A Io
Vi
Fig.6
Test set-up for measuring forward
transconductance.
fi = 1 kHz.
VO is constant.
g
fs
∆I
o
∆V
i
---------
=
handbook, halfpage
gfs
(mA/V)
04
12
56
VCC (V)
3
0
160
120
40
80
MNB101
Fig.7
Typical forward transconductance as
a function of supply voltage.
Tamb =25 °C.


Similar Part No. - 74LVC1GX04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GX04GV PHILIPS-74LVC1GX04GV Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Nexperia B.V. All right...
74LVC1GX04GV NEXPERIA-74LVC1GX04GV Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04GV-Q100 NEXPERIA-74LVC1GX04GV-Q100 Datasheet
824Kb / 18P
   X-tal driver
More results

Similar Description - 74LVC1GX04GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
NXP Semiconductors
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com