Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3227E Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL3227E
Description  High-Current Overvoltage Protectors with Adjustable OVLO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3227E Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL3227E Datasheet HTML 6Page - Anpec Electronics Coropration APL3227E Datasheet HTML 7Page - Anpec Electronics Coropration APL3227E Datasheet HTML 8Page - Anpec Electronics Coropration APL3227E Datasheet HTML 9Page - Anpec Electronics Coropration APL3227E Datasheet HTML 10Page - Anpec Electronics Coropration APL3227E Datasheet HTML 11Page - Anpec Electronics Coropration APL3227E Datasheet HTML 12Page - Anpec Electronics Coropration APL3227E Datasheet HTML 13Page - Anpec Electronics Coropration APL3227E Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2017
www.anpec.com.tw
10
APL3227E
ACOK Output
An open-drain ACOK output gives the APL3227E the abil-
ity to communicate a stable power source to the host
system. ACOK is driven low after input voltage is stable
between minimum VIN and VOVLO after debounce. Con-
nect a pullup resistor from ACOK to the logic I/O voltage
of the host system. ACOK is high impedance after ther-
mal shutdown.
Function Description
Detailed Description
The APL3227E overvoltage protection devices feature a
low on-resistance (RON) internal FET and protect low-
voltage systems against voltage faults up to +28VDC. An
internal clamp also protects the devices from surges up
to +120V. If the input voltage exceeds the overvoltage
threshold, the internal FET is turned off to prevent dam-
age to the protected components. The 8ms debounce
time built into the device prevents false turn on of the
internal FET during startup.
Device Operation
The devices contain timing logic that controls the turn-on
of the internal FET. The internal charge pump is enabled
when V
IN < VIN_OVLO if internal trip thresholds are used and
when V
OVLO < VOVLO_TH if external trip thresholds are used.
The charge-pump startup, which occurs after a 8ms
debounce delay, turns the internal FET on.
Overvoltage Lockout (OVLO)
When the V
IN voltage rises above VOVLO, the internal FET
switch is turned OFF. When the VIN voltage returns be-
low V
OVLO, the FET switch is turned on again after the
internal delay of. This delay time ensures that the VIN
supply has stabilized before turning the switch back on.
When the OVP condition is cleared and the FET is com-
pletely turned ON.
The APL3227E incorporate an internal FET with a 30m
(typ) R
ON. The FET is internally driven by a charge pump
that generates a necessary gate voltage above IN.
Internal Switch
Thermal-Shutdown Protection
The APL3227E feature thermal shutdown circuitry. The
internal FET turns off when the junction temperature ex-
ceeds +130oC (typ). The device exits thermal shutdown
after the junction temperature cools by 30oC (typ).
OCP
The output current is monitored by the internal OCP circuit.
When the output current reaches the OCP threshold, the
device limits the output current at OCP threshold level. If
the OCP condition continues for a debounce time, the
internal power FET is turned off. After the recovery time,
the FET will be turned on again and the output current is
monitored again.
Under normal application, when the current reach the
current limit level with debounce time 80us, the internal
switch turn off. The release condition is after 40ms & T
J<
90oC.


Similar Part No. - APL3227E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3225QAI-TRG ANPEC-APL3225QAI-TRG Datasheet
236Kb / 15P
   Li Charger Protection IC
More results

Similar Description - APL3227E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com