Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL3227E Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3227E
Description  High-Current Overvoltage Protectors with Adjustable OVLO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3227E Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3227E Datasheet HTML 1Page - Anpec Electronics Coropration APL3227E Datasheet HTML 2Page - Anpec Electronics Coropration APL3227E Datasheet HTML 3Page - Anpec Electronics Coropration APL3227E Datasheet HTML 4Page - Anpec Electronics Coropration APL3227E Datasheet HTML 5Page - Anpec Electronics Coropration APL3227E Datasheet HTML 6Page - Anpec Electronics Coropration APL3227E Datasheet HTML 7Page - Anpec Electronics Coropration APL3227E Datasheet HTML 8Page - Anpec Electronics Coropration APL3227E Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2017
APL3227E
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High-Current Overvoltage Protectors with Adjustable OVLO
Wide supply voltage range from 3.8V to 28V
Low ON resistance: 50m
Ω(Max) at a supplyvoltage
of 5V
Flexible overvoltage-protection trip level
-Wide adjustable OVLO threshold range from 4V
to 20V
-Preset internal accurate OVLO threshold
Low quiescent current 70
µA
Internal 8ms startup debounce
Protection circuitry:
-Surge Immunity to 100V
-Overvoltage lockout
Low Capacitance ESD Protection
Available in WLCSP1.82x1.22-12 Packages
Lead Free Green Devices Available (RoHS
Compliant)
The APL3227E overvoltage protection devices feature a
low 50m
Ω (max) RON internal FET and protect low-volt-
age systems against voltage faults up to +28VDC. An
internal clamp also protects the devices from surge up to
+120V. When the input voltage exceeds the overvoltage
threshold, the internal FET is turned off to prevent dam-
age to the protected downstream components.
The overvoltage protection threshold can be adjusted with
optional external resistors to any voltage between 4V and
20V. With the OVLO input set below the external OVLO
select voltage, the APL3227E automatically choose the
accurate internal trip thresholds. The internal overvoltage
thresholds (OVLO) are preset to 13.32V typical. The de-
vices feature an open-drain ACOK output indicating a
stable supply between minimum supply voltage and
VOVLO. The APL3227E are also protected against over
current events by an internal thermal shutdown.
Features
General Description
Applications
Smart Phones and PDAs
Digital Still Cameras
Portable Devices
Pin Configuration
WLCSP1.82x1.22-12
EN
(A1)
OVLO
(C1)
IN
(C2)
ACOK
(B1)
OUT
(B2)
OUT
(A2)
Top View
IN
(C3)
IN
(B3)
OUT
(A3)
GND
(C4)
GND
(B4)
GND
(A4)
Simplified Application Circuit
EN
OVLO
OUT
IN
OUT
IN
OUT
IN
ACOK
APL3227E
1
µF
GND
R2
POWER
ADAPTER
1
µF
VI/O
R1


Similar Part No. - APL3227E

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222HAI-TRG ANPEC-APL3222HAI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3222QFI-TRG ANPEC-APL3222QFI-TRG Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3225QAI-TRG ANPEC-APL3225QAI-TRG Datasheet
236Kb / 15P
   Li Charger Protection IC
More results

Similar Description - APL3227E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14586 MAXIM-MAX14586 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14653 MAXIM-MAX14653_V01 Datasheet
913Kb / 11P
   High-Current Overvoltage Protectors with Adjustable OVLO
2014
MAX14653 MAXIM-MAX14653 Datasheet
2Mb / 11P
   High-Current Overvoltage Protector with Adjustable OVLO
Rev 0; 1/13
MAX14670 MAXIM-MAX14670 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
Rev 0; 6/13
MAX14670 MAXIM-MAX14670_V01 Datasheet
1Mb / 13P
   Bidirectional Current-Blocking, High-Input Overvoltage Protector with Adjustable OVLO
2016
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
   Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX17561 MAXIM-MAX17561 Datasheet
723Kb / 16P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
19-100078; Rev 2; 9/17
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
logo
Bourns Electronic Solut...
TISP4XXXH4BJ BOURNS-TISP4XXXH4BJ Datasheet
386Kb / 13P
   HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com