Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB520S40 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RB520S40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB520S40 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RB520S40_16 Datasheet HTML 1Page - Pan Jit International Inc. RB520S40_16 Datasheet HTML 2Page - Pan Jit International Inc. RB520S40_16 Datasheet HTML 3Page - Pan Jit International Inc. RB520S40_16 Datasheet HTML 4Page - Pan Jit International Inc. RB520S40_16 Datasheet HTML 5Page - Pan Jit International Inc. RB520S40_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
May 17,2016-REV.02
RB520S40
SURFACE MOUNT SCHOTTKY BARRIER DIODE
VOLTAGE
FEATURES
• Low Forward Voltage Drop
• Guard Ring Construction for Transient Protection
• Negligible Reverse Recovery Time
• Low Reverse Capacitance
• Ultra-Small Mount Package
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case: SOD-523, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Appox Weight : 0.00005 ounce
s, 0.0014 grams
MAXIMUM RATINGS@TA=25oC unless otherwise specified
THERMAL CHARACTERISTICS@TA=25oC unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)28
V
Forward Continuous Current (Note 1)
I FM
250
mA
Non-Repetitive Peak Forward Surge Current@t<1s
I FSM
1A
c
it
s
ir
e
t
c
a
r
a
h
Cl
o
b
m
y
Se
u
l
a
Vti
n
U
)
1
e
t
o
N
(
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
PD
0
5
1W
m
)
1
e
t
o
N
(
r
i
A
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
RΘJA
7
6
6
o
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
TJ T
, STG
5
2
1
+
o
t
5
5
-
o
C
Notes : 1.Part mounted on FR-4 board with recommended pad layout
2.Short duration pulse test used so as to minimize self-heating effect
0.20 MIN.
0.034(0.85)
0.029(0.75)
0.014(0.35)
0.009(0.25)
0.006(0.15)
0.002(0.05)
0.026(0.65)
0.021(0.55)
0.067(1.70)
0.059(1.50)
0.050(1.25)
0.045(1.15)
1
2
Cathode
Anode


Similar Part No. - RB520S40_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB520S40-AU PANJIT-RB520S40-AU Datasheet
284Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
RB520S40-AU_R1_000A1 PANJIT-RB520S40-AU_R1_000A1 Datasheet
284Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
RB520S40-AU_R2_000A1 PANJIT-RB520S40-AU_R2_000A1 Datasheet
284Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Unisonic Technologies
RB520S40G-CC2-R UTC-RB520S40G-CC2-R Datasheet
140Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - RB520S40_16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com