Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SW_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT54SW_R2_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54SW_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT54SW_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAT54SW_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAT54SW_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAT54SW_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
September 21,2016-REV.10
BAT54W SERIES
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
30 Volt
0.2 Ampere
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750,Method2026
• Approx. Weight: 0.0002 ounces, 0.005 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
CURRENT
PARAM E TER
SY M BO L
BAT 54W
BAT 54AW
BAT 54C W
BAT 54SW
UNI T S
Peak R epet it ive Re ve r s e Vo lt age
VRRM
30
V
M a ximum Aver age F o r w ar d Cur r ent
I F( AV)
0. 2
A
Peak F o r w ar d Sur g e Cur r ent , 1s
I FSM
0. 6
A
M a ximum I ns t ant a neous F o r w ar d
Vo lt age
I F=1 mA
I F= 100mA
V F
0. 32
0. 6
V
P o w e r D issip a t io n
P D
200
mW
M a ximum D C Re ve r s e Cur r ent at Ra t ed D C
Bloc k ing Vo lt age@V R=25 V
I R
2
μA
J unc t ion C apac it anc e : at V R=1 V
C J
10
pF
T her ma l Re s is t anc e , J unc t ion t o Amb ient
R θJA
635
O C/ W
O per at ing J unc t ion and St or age Te mper at ur e
Ra ng e
T J, T STG
- 55 t o + 125
O C
Cir c uit Fig ur e
Single
C o mmo n
Anode
Co mmo n
C a t hode
Se r ies


Similar Part No. - BAT54SW_R2_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54SW-13-F DIODES-BAT54SW-13-F Datasheet
201Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54SW-13-F DIODES-BAT54SW-13-F Datasheet
376Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
370Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 9 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
129Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 11 - 2
BAT54SW-7-F DIODES-BAT54SW-7-F Datasheet
110Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54SW_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com