Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT400D Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT400D
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT400D Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT400D_16 Datasheet HTML 1Page - Pan Jit International Inc. BAT400D_16 Datasheet HTML 2Page - Pan Jit International Inc. BAT400D_16 Datasheet HTML 3Page - Pan Jit International Inc. BAT400D_16 Datasheet HTML 4Page - Pan Jit International Inc. BAT400D_16 Datasheet HTML 5Page - Pan Jit International Inc. BAT400D_16 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
July 1,2016-REV.05
BAT400D
SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE
40 Volt
500 mA
FEATURES
• Low Forward voltage Drop
• High Conductance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Marking Code: KSJ
MAXIMUM RATINGS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
CURRENT
NOTE : 1.Short duration pulse test used to minimize self-heating effect.
SINGLE
Characteristic
Symbol
Value
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Current
I F(AV)0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave supimposed on rated load
I FSM
5.5
A
Power Dissipation (see figure 1)
PD
480
mW
Typical Thermal Resistance, Junction to Ambient Air
RθJA
286
OC/W
Operation and Storage Temperature Range
TJ, TSTG
-40 to +125
OC
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - BAT400D_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - BAT400D_16

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com