Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C104KDRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C104KDRACTU
Description  Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C104KDRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C104KDRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 881e6278-c3a6-4c3e-9056-4d391a97383e
KEMET Part Number: C1812C104KDRACTU
(C1812C104KDRAC7800, C1812C104KDRACTR)
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
Dimensions
L
4.5mm +/-0.3mm
W
3.2mm +/-0.3mm
T
1.7mm +/-0.15mm
B
0.6mm +/-0.35mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 1000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1812
Description: SMD, MLCC, High Voltage,
Temperature Stable
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 1000 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 1 GOhms
Dielectric Strength: 1,200 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1812C104KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104KDRACAUTO KEMET-C1812C104KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 0.1 uF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 1812
More results

Similar Description - C1812C104KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C153KDRACTU KEMET-C1812C153KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.015 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C223KDRACTU KEMET-C1812C223KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C103KDRACTU KEMET-C1812C103KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C472KDRACTU KEMET-C1812C472KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4700 pF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C222KDRACTU KEMET-C1812C222KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2200 pF, 10%, 1,000 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C104K2RACTU KEMET-C1812C104K2RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 200 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C104K5RACTU KEMET-C1812C104K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
C1812C473KCRACTU KEMET-C1812C473KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 500 V, 1812, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C103KDRACTU KEMET-C1210C103KDRACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1210C473KDRACTU KEMET-C1210C473KDRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com