Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ06FNTR Datasheet(PDF) 2 Page - International Rectifier

Part # 50WQ06FNTR
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50WQ06FNTR Datasheet(HTML) 2 Page - International Rectifier

  50WQ06FNTR Datasheet HTML 1Page - International Rectifier 50WQ06FNTR Datasheet HTML 2Page - International Rectifier 50WQ06FNTR Datasheet HTML 3Page - International Rectifier 50WQ06FNTR Datasheet HTML 4Page - International Rectifier 50WQ06FNTR Datasheet HTML 5Page - International Rectifier 50WQ06FNTR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
50WQ06FN
Bulletin PD-20525 rev. E 03/03
2
www.irf.com
Part number
50WQ06FN
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
V
FM
Max. Forward Voltage Drop
0.57
V
@
5A
* See Fig. 1
(1)
0.74
V
@ 10A
0.54
V
@
5A
0.68
V
@ 10A
I
RM
Max. Reverse Leakage Current
3
mA
T
J
= 25 °C
* See Fig. 2
(1)
35
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.35
V
T
J
= T
J
max.
r
t
Forward Slope Resistance
25.5
m
C
T
Typical Junction Capacitance
360
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated VR)
T
J
= 25 °C
T
J
= 125 °C
V
R
= rated V
R
Electrical Specifications
Parameters
50WQ...
Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range(*)
-40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
3.0
°C/W DC operation
* See Fig. 4
to Case
wt
Approximate Weight
0.3 (0.01)
g (oz.)
Case Style
D - PAK
Similar to TO-252AA
Thermal-Mechanical Specifications
Parameters
50WQ...
Units
Conditions
60
I
F(AV)
Max. Average Forward Current
5.5
A
50% duty cycle @ T
C
= 132°C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
320
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7
105
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
7
mJ
T
J
= 25 °C, I
AS
= 1.2 Amps, L = 10 mH
I
AR
Repetitive Avalanche Current
0.8
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
50WQ...
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 50WQ06FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ06FNTR IRF-50WQ06FNTR Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
50WQ06FNTR VISHAY-50WQ06FNTR Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
International Rectifier
50WQ06FNTRL IRF-50WQ06FNTRL Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
logo
Vishay Siliconix
50WQ06FNTRL VISHAY-50WQ06FNTRL Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
logo
International Rectifier
50WQ06FNTRLPBF IRF-50WQ06FNTRLPBF Datasheet
188Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
More results

Similar Description - 50WQ06FNTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com