Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC563M64L7 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 4Page - STMicroelectronics SPC563M64L7 Datasheet HTML 5Page - STMicroelectronics SPC563M64L7 Datasheet HTML 6Page - STMicroelectronics SPC563M64L7 Datasheet HTML 7Page - STMicroelectronics SPC563M64L7 Datasheet HTML 8Page - STMicroelectronics SPC563M64L7 Datasheet HTML 9Page - STMicroelectronics SPC563M64L7 Datasheet HTML 10Page - STMicroelectronics SPC563M64L7 Datasheet HTML 11Page - STMicroelectronics SPC563M64L7 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Device overview
SPC563Mxx
8/48
Doc ID 13850 Rev 6
3
Device overview
The following sections provide high level descriptions of the features found on the
SPC563Mxx.
3.1
Device comparison
Table 2.
SPC563Mxx family device summary
Feature
SPC563M64
SPC563M60P
SPC563M54P
Flash memory size (KB)
1536
1024
768
Total SRAM size (KB)
94
64
48
Standby SRAM size (KB)
32
32
24
Processor core
32-bit e200z335
with SPE and FPU
support
32-bit e200z335
with SPE and FPU
support
32-bit e200z335
with SPE and FPU
support
Core frequency (MHz)
64/80
40/64/80
40/64
Calibration bus width(1)
16 bits
16 bits
DMA (direct memory access) channels
32
32
32
eMIOS (enhanced modular input-output system)
channels
16
16
8
eQADC (enhanced queued analog-to-digital
converter) channels (on-chip)
Up to 34(2)
Up to 34(2)
Up to 32(2)
eSCI (serial communication interface)
2
2
2
DSPI (deserial serial peripheral interface)
2
2
2
Microsecond Channel compatible interface
2
2
2
eTPU (enhanced time processor unit)
Yes
Yes
Yes
Channels
32
32
32
Code memory (KB)
14
14
14
Parameter RAM (KB)
3
3
3
FlexCAN (controller area network)(3)
22
2
FMPLL (frequency-modulated phase-locked loop)
Yes
Yes
Yes
INTC (interrupt controller) channels
364(4)
364(4)
364(4)
JTAG controller
Yes
Yes
Yes
NDI (Nexus development interface) level
Class 2+
Class 2+
Class 2+
Non-maskable interrupt and critical interrupt
Yes
Yes
Yes
PIT (peripheral interrupt timers)
5
5
5
Task monitor timer
4 channels
4 channels
4 channels
Temperature sensor
Yes
Yes
Yes


Similar Part No. - SPC563M64L7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
   Allows system calibration regardless of availability of standard MCU external bus
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
   SPC563Mxx microcontroller family calibration and emulation system
SPC563M64CAL144 STMICROELECTRONICS-SPC563M64CAL144 Datasheet
66Kb / 7P
   SPC563M64CALxx microcontroller family calibration and emulation system
September 2012 Rev 2
SPC563M64CAL176 STMICROELECTRONICS-SPC563M64CAL176 Datasheet
66Kb / 7P
   SPC563M64CALxx microcontroller family calibration and emulation system
September 2012 Rev 2
More results

Similar Description - SPC563M64L7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40807 ATMEL-AT91R40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
AT91R40008 ATMEL-AT91R40008_14 Datasheet
360Kb / 20P
   Fully-programmable External Bus Interface (EBI)
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
   Allows system calibration regardless of availability of standard MCU external bus
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
logo
ATMEL Corporation
AT88RF001 ATMEL-AT88RF001 Datasheet
204Kb / 17P
   RFID External EEPROM Interface IC
logo
Rohm
BU9969KN ROHM-BU9969KN_09 Datasheet
415Kb / 14P
   Video bus interface
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Siemens Semiconductor G...
BIMM111 SIEMENS-BIMM111 Datasheet
195Kb / 7P
   BUS INTERFACE MODUL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com