Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQFP100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LQFP100
Description  Variable length encoding
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 5Page - STMicroelectronics LQFP100 Datasheet HTML 6Page - STMicroelectronics LQFP100 Datasheet HTML 7Page - STMicroelectronics LQFP100 Datasheet HTML 8Page - STMicroelectronics LQFP100 Datasheet HTML 9Page - STMicroelectronics LQFP100 Datasheet HTML 10Page - STMicroelectronics LQFP100 Datasheet HTML 11Page - STMicroelectronics LQFP100 Datasheet HTML 12Page - STMicroelectronics LQFP100 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
DocID15131 Rev 9
9/133
SPC560B54x/6x
Introduction
132
OPWM / ICOC(9)
13 ch
33 ch
13 ch
33 ch
33 ch
13 ch
33 ch
33 ch
33 ch
SCI (LINFlex)
4
8
4
8
10
4
8
10
10
SPI (DSPI)
3
5
3
5
6
3
5
6
6
CAN (FlexCAN)
6
I2C
1
32 KHz oscillator
Yes
GPIO(10)
77
121
77
121
149
77
121
149
149
Debug
JTAG
N2+
Package
LQFP
100
LQFP
144
LQFP
100
LQFP
144
LQFP
176
LQFP
100
LQFP
144
LQFP
176
LBGA208(11)
1.
Feature set dependent on selected peripheral multiplexing; table shows example.
2.
Based on 125
C ambient operating temperature.
3.
Not shared with 12-bit ADC, but possibly shared with other alternate functions.
4.
Not shared with 10-bit ADC, but possibly shared with other alternate functions.
5.
See the eMIOS section of the chip reference manual for information on the channel configuration and functions.
6.
Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output Compare.
7.
Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output Compare.
8.
Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and Pulse
width measurement.
9.
Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare.
10. Maximum I/O count based on multiplexing with peripherals.
11. LBGA208 available only as development package for Nexus2+.
Table 2. SPC560B54/6x family comparison(1) (continued)
Feature
SPC560B54
SPC560B60
SPC560B64


Similar Part No. - LQFP100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
List of Unclassifed Man...
LQFP100 ETC2-LQFP100 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
STMicroelectronics
LQFP100 STMICROELECTRONICS-LQFP100 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
logo
NXP Semiconductors
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LQFP100 NXP-LQFP100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LQFP100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0438 STMICROELECTRONICS-UM0438 Datasheet
427Kb / 50P
   This user manual defines a programming model for use with the variable-length encoding
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Renesas Technology Corp
M56710FP RENESAS-M56710FP Datasheet
164Kb / 14P
   F2F Magnetic Stripe Encoding Card Reader
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
SM5837AF NPC-SM5837AF Datasheet
75Kb / 8P
   Variable-length 1H Delay Line LSI
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
   High-Speed Variable-Length Shift Register
SM5837AF NPC-SM5837AF_06 Datasheet
88Kb / 10P
   Variable-length 1H Delay Line LSI
logo
Maxim Integrated Produc...
MAX64180 MAXIM-MAX64180 Datasheet
882Kb / 114P
   High-Quality Video and Audio Encoding
Revision 1.1: 06/04/12
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_14 Datasheet
1Mb / 4P
   Variable Length MOVX for Slow RAM/Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com