Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQFP144 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 4Page - STMicroelectronics LQFP144 Datasheet HTML 5Page - STMicroelectronics LQFP144 Datasheet HTML 6Page - STMicroelectronics LQFP144 Datasheet HTML 7Page - STMicroelectronics LQFP144 Datasheet HTML 8Page - STMicroelectronics LQFP144 Datasheet HTML 9Page - STMicroelectronics LQFP144 Datasheet HTML 10Page - STMicroelectronics LQFP144 Datasheet HTML 11Page - STMicroelectronics LQFP144 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Introduction
SPC560B40x/50x, SPC560C40x/50x
8/116
DocID14619 Rev 13
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the device. To
ensure a complete understanding of the device functionality, refer also to the device
reference manual and errata sheet.
1.2
Description
The SPC560B40x/50x and SPC560C40x/50x is a family of next generation microcontrollers
built on the Power Architecture embedded category.
The SPC560B40x/50x and SPC560C40x/50x family of 32-bit microcontrollers is the latest
achievement in integrated automotive application controllers. It belongs to an expanding
family of automotive-focused products designed to address the next wave of body
electronics applications within the vehicle. The advanced and cost-efficient host processor
core of this automotive controller family complies with the Power Architecture embedded
category and only implements the VLE (variable-length encoding) APU, providing improved
code density. It operates at speeds of up to 64 MHz and offers high performance processing
optimized for low power consumption. It capitalizes on the available development
infrastructure of current Power Architecture devices and is supported with software drivers,
operating systems and configuration code to assist with users implementations.


Similar Part No. - LQFP144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LQFP144 NXP-LQFP144 Datasheet
2Mb / 153P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LQFP144 NXP-LQFP144 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
logo
STMicroelectronics
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
2Mb / 133P
   Variable length encoding
January 2016 Rev 9
LQFP144 STMICROELECTRONICS-LQFP144 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
More results

Similar Description - LQFP144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
logo
Lumics GmbH
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
   Industrial Laser Diode Up to 9W Operation Power
2020-10-20
logo
PHOENIX CONTACT
2702255 PHOENIX-2702255 Datasheet
245Kb / 6P
   Up to 15.3 Mbps in 2-wire operation
logo
STMicroelectronics
SPC564BXX STMICROELECTRONICS-SPC564BXX Datasheet
2Mb / 123P
   Up to 80 MHz and 75 MIPs operation
March 2016 Rev 9
logo
Renesas Technology Corp
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
   OPERATION & SET-UP MANUAL
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com