Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V463-TM Datasheet(PDF) 1 Page - NEC

Part # V463-TM
Description  NEC LCD 46 Large Format Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V463-TM Datasheet(HTML) 1 Page - NEC

  V463-TM Datasheet HTML 1Page - NEC V463-TM Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are expected. Please consult with your NEC representative.
NEC MultiSync® V463-TM (MultiTouch)
Order Code: V463-TM
NEC LCD 46" Large Format Display
NEC MultiSync® V463-TM is the new multi-touch product of
NEC’s V Series boasting 46" in size and delivering true
multitouch support with up to 5 simultaneous touch points.
Thanks to a unique anti reflective coating, reflections are
reduced to a minimum which significantly increases the
readability of the content shown. The OPS option slot for e.g. a
slot-in PC helps to save space and does away with any cables
including the USB cable external PC solutions may need.
V463-TM is ideal for retail signage, way finding,conference
room and education applications delivering short response
times and a high level of accuracy.
DELIVERING GENUINE BENEFITS
Multi-Touch - true multi-touch support with up to 5
simultaneous touch points, gesture control for Windows 7/8,
Mac and Linux driver support.
Optical Camera Technology - with 4 integrated cameras for
quick touch response and perfect usability.
Comprehensive Touch Usage - possible usage with Finger,
Stylus and Gloves.
Protective Glass - single anti-reflection coating for perfect
visibility, full-tempered glass for security.
Future Ready with OPS Cable Free Expansion - Upgrade the
power of your display at any time without the need for external
cables or devices.
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple devices
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
OUTSTANDING PERFORMANCE
NEC unique thermal monitoring and control. NEC pioneered advanced thermal control
and monitoring for public displays which is still unmatched. It secures longevity and
reliability even in very demanding installations.
NEC’s OPS technology which was developed in cooperation with Intel enables the user
to integrate various option boards enhancing flexibility and future functionality.
Peace of mind thanks to full control of the display via LAN with free NEC software and
alert emails in the unlikely event of a problem such as no signal, overheating, back light
failure etc.
Integrated speakers save installation costs and preserve the clean look of the display.
Daisy chaining via DVI (max. 9 pieces) offering high flexibility at no extra cost if the
signal needs to be passed on for videowalls or back-to-back installations.
Copy Settings feature via RS232 to reduce installation cost for larger role outs.
(limited availability).
display devices from a centralised location.


Similar Part No. - V463-TM

ManufacturerPart #DatasheetDescription
logo
NEC
V463 NEC-V463 Datasheet
691Kb / 2P
   NEC LCD 46 Large Format Display
More results

Similar Description - V463-TM

ManufacturerPart #DatasheetDescription
logo
NEC
X462S NEC-X462S Datasheet
940Kb / 2P
   NEC LCD 46 Large Format Display
V463 NEC-V463 Datasheet
691Kb / 2P
   NEC LCD 46 Large Format Display
X464UNV NEC-X464UNV Datasheet
799Kb / 2P
   NEC LCD 46 Large Format Display
X464UN NEC-X464UN Datasheet
786Kb / 2P
   NEC LCD 46 Large Format Display
P463 NEC-P463 Datasheet
817Kb / 2P
   NEC LCD 46 Large Format Display
X464UNS NEC-X464UNS Datasheet
908Kb / 2P
   NEC LCD 46 Specialty Large Format Display
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
   NEC LCD 46" Large Format Touch Screen
P703 NEC-P703 Datasheet
818Kb / 2P
   NEC LCD 70 Large Format Display
P403 NEC-P403 Datasheet
833Kb / 2P
   NEC LCD 40 Large Format Display
P801 NEC-P801 Datasheet
830Kb / 2P
   NEC LCD 80 Large Format Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com