Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-31122 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ALM-31122
Description  1-Watt High Linearity Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALM-31122 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ALM-31122 Datasheet HTML 2Page - Broadcom Corporation. ALM-31122 Datasheet HTML 3Page - Broadcom Corporation. ALM-31122 Datasheet HTML 4Page - Broadcom Corporation. ALM-31122 Datasheet HTML 5Page - Broadcom Corporation. ALM-31122 Datasheet HTML 6Page - Broadcom Corporation. ALM-31122 Datasheet HTML 7Page - Broadcom Corporation. ALM-31122 Datasheet HTML 8Page - Broadcom Corporation. ALM-31122 Datasheet HTML 9Page - Broadcom Corporation. ALM-31122 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Demo Board Schematic
3
8
Bias
C5
C4
C8
C7
Module Outline
50-Ohms TL
Output
match
C2
R1
C6
C1
Z1
Z2
R2
C3
1,2,19,20
Input
match
50-Ohms TL
21
20 19
17,18
16
3,4
5
1,22
12,13,14,15
7
8
9
10
11
6
1,2,19,20
2
Circuit Symbol
Size
Value
Description
C1, C6
0805
2.2uF
Ceramic Chip Capacitor
C2, C4, C8
0402
0.1uF
Ceramic Chip Capacitor
C3, C5, C7
0402
10nF
Ceramic Chip Capacitor
R1
0805
0 Ohm
Chip Resistor
R2
0805
Not Used N/A
Z1, Z2
0805
Not Used Zener Diode 5.6V
(Optional)
Figure 6. Demo board application schematics and components table
Demo Board Layout
10
1
RF
input
20-pin Connector
RF
output
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
Pins pointingout of the page
Unit is ontop
Pins 1,2,19,20 = Vsupply = Vdd
Pin 3 = Vsense (optional)
Pins 5,6,15,16 = GND
Pin 8 = Vctrl
Other pins are not used
Figure 7. Demo Board Layout Diagram
1. Recommended PCB material is 10 mils Rogers RO4350, with FR4 backing for mechanical strength.
2. Suggested component values may vary according to layout and PCB material.


Similar Part No. - ALM-31122

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122 Datasheet
1,006Kb / 11P
   3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31122-BLKG AVAGO-ALM-31122-BLKG Datasheet
622Kb / 12P
   700MHz - 1GHz 1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM-31122

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_10 Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
ANADIGICS, Inc
ADR3410 ANADIGICS-ADR3410 Datasheet
785Kb / 8P
   50 ??High Linearity 1 Watt Amplifier
logo
WJ Communication. Inc.
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com