Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-12224 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ALM-12224
Description  2.30 GHz ??2.40 GHz 50 Watt High Power SPDT Switch with LNA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ALM-12224 Datasheet(HTML) 3 Page - Broadcom Corporation.

  ALM-12224 Datasheet HTML 1Page - Broadcom Corporation. ALM-12224 Datasheet HTML 2Page - Broadcom Corporation. ALM-12224 Datasheet HTML 3Page - Broadcom Corporation. ALM-12224 Datasheet HTML 4Page - Broadcom Corporation. ALM-12224 Datasheet HTML 5Page - Broadcom Corporation. ALM-12224 Datasheet HTML 6Page - Broadcom Corporation. ALM-12224 Datasheet HTML 7Page - Broadcom Corporation. ALM-12224 Datasheet HTML 8Page - Broadcom Corporation. ALM-12224 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical Specifications [1]
Rx Mode
TA = 25° C, Vbias = 5 V, Vc1 = 28 V, Vc2 = 0 V, Vdd1= 5 V, Vdd2 = 5 V, RF performance at 2.30 GHz, measured on demo board
unless otherwise specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Ibias
Vbias current
mA
51.3
Ic1
Vc1 current
mA
0.0
Ic2
Vc2 current
mA
-51.0
Idd1
Vdd1 current
mA
55.1
Idd2
Vdd2 current
mA
122.3
Total Current
Total max current consumption ( Ibias + Idd1 + Idd2 )
mA
228.7
NF
Noise Figure
dB
0.97
Gain
Gain
dB
37.1
OIP3 [2]
Output Third Order Intercept Point
dBm
38.8
OP1dB
Output Power at 1 dB Gain Compression
dBm
23.4
Isolation
Isolation (LNA1_output to LNA2_input)
dB
54.5
Rx Out RL
LNA2 Output Return Loss
dB
18.7
Ant RL
Antenna Input Return Loss
dB
18.9
Tx Mode
TA = 25° C, Vbias = 5 V, Vc1 = 0 V, Vc2 = 28 V, RF performance at 2.30 GHz, measured on demo board unless otherwise
specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Ibias
Vbias current
mA
41.0
Ic1
Vc1 current
mA
-51.0
Ic2
Vc2 current
mA
10.0
Tx Ant IL
Tx Antenna Insertion Loss
dB
0.37
Max Input Power [4]
50 W CW power (5 mins testing) at Antenna port
dBm
47.5
Ant RL
Antenna Input Return Loss
dB
24.0
Notes:
1. Measurements at 2.30 GHz obtained using demo board described in Figure 12.
2. OIP3 test condition: FRF1 = 2.30 GHz and FRF2 = 2.301 GHz with input power of -25 dBm per tone measured at worst side band.
3. Use proper biasing, heat sink and de-rating to ensure maximum channel temperature is not exceeded.
4. Max Input Power was characterized during the product development stage. It is not final tested at production.


Similar Part No. - ALM-12224

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12224 AVAGO-ALM-12224 Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224-BLKG AVAGO-ALM-12224-BLKG Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224-TR1G AVAGO-ALM-12224-TR1G Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
More results

Similar Description - ALM-12224

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 AVAGO-ALM-12224 Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
Broadcom Corporation.
DEMO-ALM-12X24 BOARDCOM-DEMO-ALM-12X24 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
Skyworks Solutions Inc.
AWB7032 SKYWORKS-AWB7032 Datasheet
732Kb / 10P
   2.30 to 2.40 GHz Small-Cell Power Amplifier Module
AWB7132 SKYWORKS-AWB7132 Datasheet
677Kb / 9P
   2.30 to 2.40 GHz Small-Cell Power Amplifier Module
May 15, 2019
logo
Microsemi Corporation
LX5552 MICROSEMI-LX5552 Datasheet
98Kb / 3P
   2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier, LNA & SPDT Switch
logo
ANADIGICS, Inc
AWB7221 ANADIGICS-AWB7221 Datasheet
809Kb / 9P
   2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
logo
TriQuint Semiconductor
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
   DC ??12 GHz High Power SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com